Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6S-1104-H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A6S-1104-H
Description  DIP Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A6S-1104-H Datasheet(HTML) 2 Page - Omron Electronics LLC

  A6S-1104-H Datasheet HTML 1Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 2Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 3Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 4Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 5Page - Omron Electronics LLC A6S-1104-H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
310
DIP Switch
A6S-H
■ Models in Embossed Taping Packages (Standard Packing)
Note: 1) Orders must be made in integral multiples of the quantities given for each package. Switches are not sold individually.
2) Switches cannot be water washed.
■ Models in Embossed Taping Packages (Small Quantity Reel)
Note: 1) Orders must be made in integral multiples of the quantities given for each package. Switches are not sold individually.
2) Switches cannot be water washed.
Specifications
■ Ratings/Characteristics
Note: Data shown are of initial value
Flat
Raised
Standard
With seal tape
No. of poles
Quantity per reel
Quantity per reel
Quantity per reel
1
A6S-1101-PH
800
A6S-1102-PH
800
A6S-1104-PH
800
2
A6S-2101-PH
900
A6S-2102-PH
900
A6S-2104-PH
700
3
A6S-3101-PH
A6S-3102-PH
---
---
4
A6S-4101-PH
A6S-4102-PH
A6S-4104-PH
700
5---
A6S-5102-PH
A6S-5104-PH
800
6---
A6S-6102-PH
A6S-6104-PH
700
7
A6S-7101-PH
A6S-7102-PH
---
---
8
A6S-8101-PH
A6S-8102-PH
A6S-8104-PH
700
9---
A6S-9102-PH
---
---
10
---
A6S-0102-PH
---
---
Flat
Raised
Standard
With seal tape
No. of poles
Quantity per reel
Quantity per reel
Quantity per reel
2---
400
A6S-2102-PMH
400
---
400
3
A6S-3101-PMH
---
---
4
A6S-4101-PMH
A6S-4102-PMH
A6S-4104-PMH
6
A6S-6101-PMH
A6S-6102-PMH
A6S-6104-PMH
8
A6S-8101-PMH
A6S-8102-PMH
A6S-8104-PMH
10
A6S-0101-PMH
A6S-0102-PMH
A6S-0104-PMH
Switching capacity
25 mA at 24 VDC
Minimum permissible load
10
μA at 3.5 VDC
Contact resistance
200 m
Ω max.
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC for 1 min. between terminals
Operating force
30 to 1,000 gf (0.3 to 9.8 N)
Vibration resistance
Malfunction durability 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction durability 300 m/s2 min. (Approx. 30G min.)
Life expectancy
Mechanical
1,000 operations min.
Electrical
1,000 operations min.
Ambient operating temperature
-20
°C to 70°C at 60% R.H. max. (with no icing or condensation)
Ambient operating humidity
35% to 90% (at 5 to 35
°C)
Weight
0.25 g (2 poles), 0.41 g (4 poles), 0.58 g (6 poles), 0.73 g (8 poles), 0.87 g (10 poles)


Similar Part No. - A6S-1104-H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6S-0101 OMRON-A6S-0101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-0102 OMRON-A6S-0102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-0104 OMRON-A6S-0104 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-2101 OMRON-A6S-2101 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
A6S-2102 OMRON-A6S-2102 Datasheet
232Kb / 6P
   DIP Switch with Slide Pins
More results

Similar Description - A6S-1104-H

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
   DIP SWITCH
logo
CUI INC
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
   DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
   DIP Switch
logo
DB Lectro Inc
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
   DIP SWITCH
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
   DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
   DIP SWITCH
11/23/2021
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
   DIP Switch
logo
CUI INC
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
   DIP SWITCH
logo
Omron Electronics LLC
A6DR OMRON-A6DR Datasheet
568Kb / 4P
   DIP Switch
logo
CUI INC
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
   DIP SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com