Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS-3512-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BAS-3512-AE
Description  12-ch Web-enabled DDC Controller
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BAS-3512-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BAS-3512-AE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
Features
BAS-3512
BAS-3520
12-ch Web-enabled DDC Controller
20-ch Web-enabled DDC Controller
Specifications
General
Dimension (W x H x D) 176 x 120 x 44 mm
Enclosure
ABS + PC
Power Input
24 VDC/24 VAC
Power Consumption
10 W @ 24 VDC
Real-time Clock
Yes
Watchdog Timer
Yes
I/O Isolation Protection 3,000 VDC
Hardware
CPU
32-bit CPU 312 MHz
Flash Memory
32 MB
RAM
64 MB SDRAM
Battery backup SRAM 512 KB
Communication
LAN
1 x 10/100Base-T (RJ-45)
RS-485
1 (isolated)
Communication Protocol Modbus/TCP, Modbus/RTU
Universal Input (BAS-3520 only)
Channels
4
Resolution
16-bit
Sample Rate
10 Hz (Total)
Accuracy
±0.1% of FSR (Voltage, Current)
Type and Range
Analog Input
0 ~ 10 V, 0 ~ 20 mA, 4 ~ 20 mA, Pt-100 RTD,
Pt-1000 RTD, Thermistor (3 k, 10 k)
Digital Input
Logic High: Close
(Dry Contact)
Logic Low: Open
Over Voltage Protection ±35 V
Span Drift
±25 ppm/° C
Zero Drift
±6 μV/° C
Analog Output (BAS-3520 only)
Channels
4
Resolution
12-bit
Accuracy
±0.1% of FSR
Range
0 ~ 10 V, 0 ~ 20 mA, 4 ~ 20 mA
Digital Input
Channels
8
Dry Contact
Logic High: Close
Logic Low: Open
Supports 1 kHz Counter Input (2 channels)
Supports 1 kHz Frequency Input (2 channels)
Digital Output
Channels
4 (Source Type)
Vcc: 10 ~ 35 VDC, Current: 1 A (per channel)
PWM output (2 channels)
Minimum Period
1 second (for PWM output)
Minimum Pulse Width
0.1 second (for PWM output)
LCM Operation Unit (Optional)
2 line x 8 char, backlit LCD
5 button keypad
Hot swap capable
Environment
Operating Temperature -10 ~ 60° C
Storage Temperature
-20 ~ 80° C
Operating Humidity
20 ~ 95% (Non-condensing)
Storage Humidity
0 ~ 95% (Non-condensing)
Ordering Information
BAS-3512-AE
12-ch Web-enabled DDC Controller
BAS-3520-AE
20-ch Web-enabled DDC Controller
BAS-3595-AE
LCM operation unit (Optional)
Standalone programmable controller
BASPro programming software provides BA domain function (scheduler,
HVAC calculation, sequence…)
Auto-tuning PID control
Calendar schedule control
Alarm and event notifications
Provides RS-485 to connect with remote I/O devices
Up to 3 local I/O expansion modules
Remote programming and maintenance through Ethernet
LCM display (optional)
Introduction
BAS-3512/3520 is a standalone programmable controller specially designed for building automation applications. Designed as a typical DDC (Direct Digital Controller), BAS-3512/3520
delivers various of onboard I/O including universal input, analog output, digital input and digital output, providing flexible options to satisfy versatile application requirements. It also
features powerful BASPro programming tool for engineers to quickly develop their application. BASPro delivers many function blocks suitable for BA application, such as scheduler,
HVAC calculation, sequential control, PID control, alarm, and event. Its compact size makes it an ideal solution to fulfill BA installation environment. The I/O expansion modules
(BAS-3018, BAS-3024, BAS-3050 and BAS-3051) provide more I/O points and make the system a scalable solution.
BAS-3512
BAS-3520
NEW
RoHS
COMPLIANT
2002/95/EC


Similar Part No. - BAS-3512-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BAS-3500BC ADVANTECH-BAS-3500BC Datasheet
158Kb / 1P
   BAS-3000 DDC Programming Tool
More results

Similar Description - BAS-3512-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-6501 ADVANTECH-ADAM-6501 Datasheet
117Kb / 1P
   Web-enabled Universal Communication Controller with Intel XScale
logo
List of Unclassifed Man...
AWC86 ETC2-AWC86 Datasheet
247Kb / 19P
   Micro-Controller incorporates Web-Enabled, Real-time Operating System
logo
M-System Co.,Ltd.
DL8 MSYSTEM-DL8 Datasheet
887Kb / 9P
   WEB-ENABLED REMOTE TERMINAL UNIT
DL30 MSYSTEM-DL30 Datasheet
617Kb / 11P
   WEB-ENABLED REMOTE TERMINAL UNIT
logo
Siemens Semiconductor G...
SDA9362 SIEMENS-SDA9362 Datasheet
199Kb / 39P
   DDC-PLUS-Deflection Controller
logo
Advantech Co., Ltd.
ADAM-4502 ADVANTECH-ADAM-4502 Datasheet
551Kb / 1P
   Ethernet-enabled Communication Controller with 2-ch AI/O and 4-ch DI/O
logo
Siemens Semiconductor G...
SDA9361 SIEMENS-SDA9361 Datasheet
237Kb / 47P
   DDC-PLUS-Deflection Controller
logo
Advantech Co., Ltd.
ADAM-4501 ADVANTECH-ADAM-4501 Datasheet
554Kb / 1P
   Ethernet-enabled Communication Controller
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
Texas Instruments
ADC12J4000 TI1-ADC12J4000 Datasheet
1Mb / 94P
[Old version datasheet]   12-Bit 4 GSPS ADC With Integrated DDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com