Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3W-4050 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # B3W-4050
Description  Tactile Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3W-4050 Datasheet(HTML) 2 Page - Omron Electronics LLC

  B3W-4050 Datasheet HTML 1Page - Omron Electronics LLC B3W-4050 Datasheet HTML 2Page - Omron Electronics LLC B3W-4050 Datasheet HTML 3Page - Omron Electronics LLC B3W-4050 Datasheet HTML 4Page - Omron Electronics LLC B3W-4050 Datasheet HTML 5Page - Omron Electronics LLC B3W-4050 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
232
Tactile Switch
B3W
Specifications
■ Characteristics
■ Operating Characteristics
Engineering Data
■ Operating Force vs. Stroke (Typical Example)
■ Construction
Contact form
SPST-NO
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load)
Contact resistance
100 m
Ω max. (rated: 1 mA, 5 VDC)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min.
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100 G) max.
Malfunction: 100 m/s2 (approx. 10 G) max.
Ambient operating temperature
-25
° to 70°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
35% to 85% (at 5 to 35
°C)
Service life
General purpose
B3W-1
@@@ :
1,000,000 operations min.
B3W-4
@@@ : 3,000,000 operations min.
High force
300,000 operations min.
1,000,000 operations min.
Weight
B3W-1
@@@ :
Approx. 0.30 g
B3W-4
@@@ : Approx. 1.00 g
Characteristics
B3W-1
@@@
B3W-4
@@@
General-purpose
High-force
General-purpose
High-force
Operating force (OF) max.
160 g
230 g
200 g
350 g
Release force (RF) min.
20 g
50 g
30 g
50 g
Pretravel (PT)
0.25 +0.2/
-0.1 mm
0.3 +0.2/
-0.1 mm
B3W-1
@@@ series
B3W-4
@@@ series
Plunger
Cover
Spacer
Contact dome
Sealed rubber
Fixed contact
Base


Similar Part No. - B3W-4050

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3W-4050 OMRON-B3W-4050 Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-4050 OMRON-B3W-4050 Datasheet
457Kb / 6P
   Sealed Tactile Switch
B3W-4050S OMRON-B3W-4050S Datasheet
520Kb / 8P
   Mechanical Keyswitch
B3W-4050S OMRON-B3W-4050S Datasheet
457Kb / 6P
   Sealed Tactile Switch
More results

Similar Description - B3W-4050

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
TS02 CUI-TS02 Datasheet
467Kb / 5P
   TACTILE SWITCH
logo
Omron Electronics LLC
B3F OMRON-B3F_1 Datasheet
1Mb / 12P
   Tactile Switch
B3F OMRON-B3F_11 Datasheet
1Mb / 12P
   Tactile Switch
logo
CUI INC
TS13 CUI-TS13 Datasheet
345Kb / 4P
   TACTILE SWITCH
04/13/2022
TS12 CUI-TS12 Datasheet
971Kb / 6P
   TACTILE SWITCH
04/14/2022
TS19 CUI-TS19 Datasheet
424Kb / 4P
   TACTILE SWITCH
05/10/2022
TS05 CUI-TS05 Datasheet
470Kb / 4P
   TACTILE SWITCH
09/20/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com