Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2VW-01L1A-1HS Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2VW-01L1A-1HS
Description  Sealed Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2VW-01L1A-1HS Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2VW-01L1A-1HS Datasheet HTML 1Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 2Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 3Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 4Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 5Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 6Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 7Page - Omron Electronics LLC D2VW-01L1A-1HS Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
210
Sealed Snap Action Switch
D2VW
Dimensions
■ Terminals
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The pin plunger model is shown here as a typical example for both the solder/quick connect terminals and the molded lead wire versions.
■ Dimensions and Operating Characteristics
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. Omitted dimensions are the same as pin plunger type.
3. The operating characteristics are for operation in the A direction(
)
Solder/Quick Connect Terminals
t=0.5
Three, solder terminals
1.3 dia. hole
2.4 dia. hole
8.4
5.2
1.2
4.8
10.3
2.5
5.2
5.2
41.4
33
22.2
±0.1
0.5
2.8
Molded Lead Wires
* UL/CSA approved models have AWG20 UL approved wiring.
AV 0.75f Lead wire (red)*
AV 0.75f Lead wire (blue)*
AV 0.75f Lead wire (black)*
33
2.8
(5)
10.3
22.2
±0.1
300
±10
Pin Plunger Models
D2VW-01-1HS
D2VW-5-1HS
t=0.5
Three, solder terminals
1.3 dia. hole
2.4 dia. hole
8.4
5.2
1.2
4.8
10.3
20.2
±0.25
2.5 dia.
2.5
5.2
5.2
41.4
33
22.2
±0.1
10.3
±0.1
15.9
OP
PT
2.8
3.1
+0.13
–0.03
3.1
+0.13
–0.03
dia. holes
0.5
3.2
±0.1 dia.
2.8
A
OF max
200 gf
RF min.
30 gf
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
± 0.4 mm
Short Hinge Lever Models
D2VW-01L1A-1MS
D2VW-5L1A-1MS
PT
OP
10.3
5
4.3
15.9
*Stainless-steel lever
t=0.5*
24.3
±0.8
A
OF max
200 gf
RF min.
20 gf
PT max.
1.6 mm
OT min.
0.8 mm
MD max.
0.5 mm
OP
15.2
± 0.5 mm
Hinge Lever Models
D2VW-01L1-1MS
D2VW-5L1-1MS
PT
OP
10.3
4.3
*Stainless-steel lever
5
t=0.5*
35.6
±0.8
15.9
A
OF max
120 gf
RF min.
15 gf
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
0.8 mm
OP
15.2
± 1.2 mm


Similar Part No. - D2VW-01L1A-1HS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2VW-01L1A-1HS OMRON-D2VW-01L1A-1HS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
More results

Similar Description - D2VW-01L1A-1HS

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
D2HW OMRON-D2HW Datasheet
801Kb / 10P
   Sealed Subminiature Snap Action Switch
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com