Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2F-FL2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2F-FL2
Description  Snap Action Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2F-FL2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2F-FL2 Datasheet HTML 1Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 2Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 3Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 4Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 5Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 6Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 7Page - Omron Electronics LLC D2F-FL2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Snap Action Switch
D2F
33
Engineering Data
■ Mechanical Service Life
■ Electrical Service Life
Note: Values are for pin plunger actuator type.
■ Mounting
All switches may be panel mounted using M2 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.08 to 0.1 N·m.
Use of molded components is recommended for mounting purposes
■ PCB Layout (reference)
■ Structure
Contact Form (SPDT)
D2F, D2F-01
D2F
Overtravel (mm)
Rated operating current (A)
125 VAC
30 VDC
10,000
7,000
5,000
3,000
1,000
700
500
300
100
0
10
20
30
50
100
300
Ambient temperature: 20
°±2°C
Ambient humidity:
65
±5% max.
Without load
Operating frequency: 60 operations/min
Ambient temperature: 20
°±2°C
Ambient humidity:
65
±5% max.
Without load
Operating frequency: 30 operations/min
Two , 2-dia. mounting holes
6.5
± 0.15
2.54
2.54
12.8
± 0.15
5.08
± 0.1
5.8
± 0.15
Three,
1.2 dia. holes


Similar Part No. - D2F-FL2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2F-FL2 OMRON-D2F-FL2 Datasheet
744Kb / 6P
   Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
D2F-FL2 OMRON-D2F-FL2 Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-FL2-A OMRON-D2F-FL2-A Datasheet
744Kb / 6P
   Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
D2F-FL2-A OMRON-D2F-FL2-A Datasheet
852Kb / 6P
   Ultra Subminiature Basic Switch with plenty of terminal variations
D2F-FL2-A1 OMRON-D2F-FL2-A1 Datasheet
744Kb / 6P
   Incorporating a snapping mechanism made with two highly precise split springs that ensures long durability
More results

Similar Description - D2F-FL2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com