Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232M646DLP8-J Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMD232M646DLP8-J
Description  200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232M646DLP8-J Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMD232M646DLP8-J Datasheet HTML 1Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 2Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 3Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 4Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 5Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 6Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 7Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 8Page - Hynix Semiconductor HYMD232M646DLP8-J Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rev. 1.1 / May. 2005
5
11
200pin Unbuffered DDR SDRAM SO-DIMMs
256MB, 32M x 64 Unbuffered SO-DIMM: HYMD232M646D[L][P]8
FUNCTIONAL BLOCK DIAGRAM
DQ00
DQ01
DQ02
DQ03
DQ04
DQ05
DQ06
DQ07
/CS
D0
/CS
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
WP
SCL
SDA
A0
A1
A2
SA0
SA1
SA2
Serial Presence Detector
(SPD)
BA0-BA1
A0-AN
/RAS
/CAS
CKE0
CKE1
SDRAMs D0-D7
SDRAMs D0-D7
SDRAMs D0-D7
SDRAMs D0-D7
SDRAMs D0-D3
N.C.
Notes :
DQ wiring may differ from that described in this
drawing : however DQ/DM/DQS relationship are
maintained as shown.
VDDID strap connections:
(for memory device VDD, VDDQ)
Strap out (open) : VDD = VDDQ
Strap in (closed) : VDD ≠ VDDQ
Strap:see Note 4
VDD SPD
VDD
VREF
VSS
VDDID
SPD
SDRAMS DO-D7
DM0
DM
DQS0
DQS
DQ08
DQ09
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM1
DM
DQS1
DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
/CS
D2
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM2
DM
DQS2
DQS
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM3
DM
DQS3
DQS
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DM4
DQS4
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM5
DQS5
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM6
DQS6
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM7
DQS7
# Unless otherwise noted, resistor values are 22O +- 5%
/WE
SDRAMs D0-D7
SDRAMS DO-D7
VDD and VDDQ
SDRAMS DO-D7,SPD
CK0
4 loads
/CK0
CK1
/CK1
CK2
/CK2
4 loads
0 loads
/CS
D1
/CS
D3
/CS
D4
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM
DQS
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM
DQS
/CS
D6
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM
DQS
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM
DQS
/CS
D5
/CS
D7


Similar Part No. - HYMD232M646DLP8-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232M646CF6-H HYNIX-HYMD232M646CF6-H Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-K HYNIX-HYMD232M646CF6-K Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-L HYNIX-HYMD232M646CF6-L Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-M HYNIX-HYMD232M646CF6-M Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD232M646DLP8-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD532M646CLP6-D43 HYNIX-HYMD532M646CLP6-D43 Datasheet
217Kb / 20P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (TSOP)
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD512M646DLFP8-D43 HYNIX-HYMD512M646DLFP8-D43 Datasheet
343Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb D ver. (FBGA)
HYMD512M646CLFP8-D43 HYNIX-HYMD512M646CLFP8-D43 Datasheet
461Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (FBGA)
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com