Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5392 Datasheet(PDF) 2 Page - Compact Technology Corp.

Part # 1N5392
Description  PLASTIC SILICON RECTIFIERS (DO-15)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

1N5392 Datasheet(HTML) 2 Page - Compact Technology Corp.

  1N5392 Datasheet HTML 1Page - Compact Technology Corp. 1N5392 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
1.5
1.2
.9
.6
.3
0
0
25
50
75
100
125
150
175
20
10
2
1.0
.4
.2
.1
.04
.02
.01
.6
.8
1.0
1.2
1.4
1.5
50
40
30
20
10
0
1
2
4
6 8 10
20
40 6 0 80 100
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100
120
140
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
O
AMBIENT TEMPERATURE. ( C)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.4- TYPICAL REVERSE CHARACTERISTICS
O
Tj=25 C
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FORWARD VOLTAGE. (V)
FIG.2- TYPICAL FORWARD CHARACTERISTICS
FIG.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE. (V)
O
Tj=25 C
O
Tj=100 C
1N5391 thru 1N5399
Compact Technology
CTC0143 Ver. 2.0
2 of 2
1N5391 thru 1N5399


Similar Part No. - 1N5392

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5392 PANJIT-1N5392 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Rugao Dachang Electroni...
1N5392 DACHANG-1N5392 Datasheet
119Kb / 2P
   General Purpose Plastic Rectifier
logo
Yangzhou yangjie electr...
1N5392 YANGJIE-1N5392 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Dc Components
1N5392 DCCOM-1N5392 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Zibo Seno Electronic En...
1N5392 ZSELEC-1N5392 Datasheet
111Kb / 2P
   1.5A SILICON RECTIFIER
More results

Similar Description - 1N5392

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
1N5391 CTC-1N5391_1 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
logo
Jiangsu High diode Semi...
SR2150 HDSEMI-SR2150 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
HER201 HDSEMI-HER201 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
R2000-DO-15 HDSEMI-R2000-DO-15 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
RL201G HDSEMI-RL201G Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
ER201 HDSEMI-ER201 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
logo
Continental Device Indi...
DO-15 CDIL-DO-15 Datasheet
254Kb / 5P
   DO-15 Axial Plastic Package
logo
Jiangsu High diode Semi...
SB2150 HDSEMI-SB2150 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
SR220 HDSEMI-SR220 Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
HER201G HDSEMI-HER201G Datasheet
1Mb / 4P
   DO-15 Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com