Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DI108 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # DI108
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

DI108 Datasheet(HTML) 1 Page - Compact Technology Corp.

  DI108 Datasheet HTML 1Page - Compact Technology Corp. DI108 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DI100 thru DI1010
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.02 ounces, 0.4 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
DIP
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.0 Amperes
Compact Technology
PARAMETER
SYMBOL
DI
100
DI
101
DI
102
DI
104
DI
106
DI
108
DI
1010
UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
@TA=40℃
IF
A
I
2t Rating for fuisng (t< 8.3mS)
I
2tA2sec
Peak forward surge current, single sine-wave
superim posed on rated load (JEDEC method)
IFSM
A
Maximum instantaneous Forward Voltage
Drop per element at 1.0A DC
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
uA
Typical junction capacitance per leg(note1 )
CJ
pF
Typical Thermal Resistance Per leg (note2)
RθJA
RθJC
℃/W
Operating & StorageTemperature Range
TJ&TSTG
40
15
-55 to +150
25
note2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B
with 0.5x0.5" (13x13mm) copper pads.
note1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
30
1.1
5.0
500
1.0
3.735
1 of 2
DI100S thru DI1010S
A
C
D
E
F
G
H
B
I
J
All Dimensions in millimeter
DIP
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
J
I
8.
05
6.20
7.
24
2.
20
5.00
3.81
4.69
.
46
1.27
0.22
8.5
1
6.50
7.6
0
8.9
0
8.00
2.
50
5.20
2.03
0.3
.56


Similar Part No. - DI108

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
DI108 PANJIT-DI108 Datasheet
56Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0~1.5 Amperes)
logo
Transys Electronics
DI108 TRSYS-DI108 Datasheet
154Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
DI108 ETC1-DI108 Datasheet
49Kb / 2P
   1 AMP MINIATURE BRIDGE RECTIFIERS
logo
Pan Jit International I...
DI108 PANJIT-DI108 Datasheet
71Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
DI108 PANJIT-DI108 Datasheet
72Kb / 2P
   DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DI108

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com