Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD216M646DP6-H Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMD216M646DP6-H
Description  200pin Unbuffered DDR SDRAM SO-DIMMs based on 256Mb D ver. (TSOP)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216M646DP6-H Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMD216M646DP6-H Datasheet HTML 3Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 4Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 5Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 6Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 7Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 8Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 9Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 10Page - Hynix Semiconductor HYMD216M646DP6-H Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Rev. 1.1 / May. 2005
7
11
200pin Unbuffered DDR SDRAM SO-DIMMs
ABSOLUTE MAXIMUM RATINGS1
Note:
1. Operation at above absolute maximum rating can adversely affect device reliability
Parameter
Symbol
Rating
Unit
Operating Temperature (Ambient)
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 150
oC
Voltage on VDD relative to VSS
VDD
-1.0 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-1.0 ~ 3.6
V
Voltage on inputs relative to Vss
VINPUT
-1.0 ~ 3.6
V
Voltage on I/O pins relative to Vss
VIO
-0.5 ~3.6
V
Output Short Circuit Current
IOS
50
mA
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
oC ⋅ Sec
DC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note:
1. VDDQ must not exceed the level of VDD.
2. For DDR400, VDD=2.6V ± 0.1V, VDDQ=2.6V ± 0.1V
3. VIL (min) is acceptable -1.5V AC pulse width with < 5ns of duration.
4. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of the same. Peak to
peak noise on VREF may not exceed ± 2% of the DC value.
5. VID is the magnitude of the difference between the input level on CK and the input level on /CK.
6. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire tempera-
ture and voltage range, for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the maximum differ-
ence between pullup and pulldown drivers due to process variation. The full variation in the ratio of the maximum to minimum
pullup and pulldown current will not exceed 1/7 for device drain to source voltages from 0.1 to 1.0.
7. VIN=0 to VDD, All other pins are not tested under VIN =0V.
8. DQs are disabled, VOUT=0 to VDDQ.
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage (DDR 200, 266, 333)
VDD
2.3
2.5
2.7
V
Power Supply Voltage (DDR 400)
VDD
2.5
2.6
2.7
V
2
Power Supply Voltage (DDR 200, 266, 333)
VDDQ
2.3
2.5
2.7
V
1
Power Supply Voltage (DDR 400)
VDDQ
2.5
2.6
2.7
V
1,2
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
3
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
4
Input Voltage Level, CK and CK inputs
VIN(DC)
-0.3
-
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs
VID(DC)
0.36
-
VDDQ+0.6
V
5
V-I Matching: Pullup to Pulldown Current Ratio
VI(RATIO)
0.71
-
1.4
-
6
Input Leakage Current
ILI
-2
-
2
uA
7
Output Leakage Current
ILO
-5
-
5
uA
8
Normal Strength
Output Driver
(VOUT=VTT ± 0.84)
Output High Current
(min VDDQ, min VREF, min VTT)
IOH
-16.8
-
-
mA
Output Low Current
(min VDDQ, max VREF, max VTT)
IOL
16.8
-
-
mA
Half Strength Out-
put Driver
(VOUT=VTT ± 0.68)
Output High Current
(min VDDQ, min VREF, min VTT)
IOH
-13.6
-
-
mA
Output Low Current
(min VDDQ, max VREF, max VTT)
IOL
13.6
-
-
mA


Similar Part No. - HYMD216M646DP6-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216M646C6-D4 HYNIX-HYMD216M646C6-D4 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-D43 HYNIX-HYMD216M646C6-D43 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-H HYNIX-HYMD216M646C6-H Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216M646DP6-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD564M646BL6-D43 HYNIX-HYMD564M646BL6-D43 Datasheet
178Kb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (TSOP)
HYMD532M646CLP6-D43 HYNIX-HYMD532M646CLP6-D43 Datasheet
217Kb / 20P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (TSOP)
HYMD512M646BF8-D43 HYNIX-HYMD512M646BF8-D43 Datasheet
1Mb / 17P
   200pin Unbuffered DDR SDRAM SO-DIMMs based on 512Mb B ver. (FBGA)
HYMD512M646DLFP8-D43 HYNIX-HYMD512M646DLFP8-D43 Datasheet
343Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb D ver. (FBGA)
HYMD512M646CLFP8-D43 HYNIX-HYMD512M646CLFP8-D43 Datasheet
461Kb / 17P
   200pin DDR SDRAM SO-DIMMs based on 512Mb C ver. (FBGA)
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP164S6EFR6C-C4 HYNIX-HMP164S6EFR6C-C4 Datasheet
521Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs
HYMD525G726BS4-K HYNIX-HYMD525G726BS4-K Datasheet
222Kb / 18P
   184pin Registered DDR SDRAM DIMMs based on 512Mb B ver. (TSOP)
HMP351S6AFR8C-Y5 HYNIX-HMP351S6AFR8C-Y5 Datasheet
294Kb / 17P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 2Gb version A
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com