Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER156 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # HER156
Description  HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

HER156 Datasheet(HTML) 1 Page - Compact Technology Corp.

  HER156 Datasheet HTML 1Page - Compact Technology Corp. HER156 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER151 thru HER158
FEATURES
Plastic passivated chip
Super fast switching for high efficiency
High current capability
Low forward voltage drop and high current capability
Low reverse leakage current
Plastic material has UL flammability classification 94V-0
MECHANICAL DATA
Polarity : Indicated by cathode band
Weight : 0.015 ounces, 0.4 grams
HIGH EFFICIENCY RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 1.5 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 1.5A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =100 C
@TJ =25 C
1.5
50
1.0
5.0
100
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
@TL =75 C
1.3
CJ
Typical Junction
Capacitance (Note 2)
20
pF
10
Typical Thermal Resistance (Note 3)
R0JL
30
C/W
Maximum Reverse Recovery Time (Note 1)
TRR
50
ns
NOTES : 1.Reverse Recovery Test Conditions :IF=0.5A,IR=1.0A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance junction to Lead.
Case : Molded plastic
1.85
70
5
0100
200
300
400
600
800
1000
35
70
140
210
280
420
560
700
5
0100
200
300
400
600
800
1000
HER
151
HER
152
HER
153
HER
154
HER
155
HER
156
HER
157
HER
158
Max.
All Dimensions in millimeter
Min.
DO-15
Dim.
A
D
C
B
25.4
7.60
-
5.80
0.70
2.60
3.60
0.90
DO-15
A
C
D
A
B
Compact Technology
CTC0052 Ver. 2.0
1 of 2
HER151 thru HER158


Similar Part No. - HER156

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER156 WTE-HER156 Datasheet
48Kb / 3P
   1.5A HIGH EFFICIENCY RECTIFIER
logo
Compact Technology Corp...
HER156 CTC-HER156 Datasheet
86Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER156 DGNJDZ-HER156 Datasheet
215Kb / 2P
   1.5 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER156 TSC-HER156 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
SAMYANG ELECTRONICS CO....
HER156 SAMYANG-HER156 Datasheet
511Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER156

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com