Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP401G Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # KBP401G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

KBP401G Datasheet(HTML) 1 Page - Compact Technology Corp.

  KBP401G Datasheet HTML 1Page - Compact Technology Corp. KBP401G Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBP401G thru KBP408G
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.06 ounces, 1.7 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
KBP
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 4.0 Amperes
Compact Technology
.
147(3.65)
.
132(3.35)
.0
34(0.86)
.0
30(0.76)
.
161(4.1)
.1
42(3.6)
.500
(1
2.7)
1.20
0.90
MIN.
SPACING
o
0.1
18x45
(3.
0)
0.600(15.24)
0.56
4(14.32)
0.460(11.68)
0.420(10.67)
0.500(12.70)
0.460(11.68)
+
_
AC
.600(15.24) MIN
PARAMETER
SYMBOL
KBP
401G
KBP
402G
KBP
403G
KBP
404G
KBP
405G
KBP
406G
KBP
408G
UNIT
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS bridge input voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
@TA=50℃
IF
A
I
2t Rating for fuisng (t< 8.3mS)
I
2tA2sec
Peak forward surge current, single sine-wave
superim posed on rated load (JEDEC method)
IFSM
A
Maximum instantaneous Forward Voltage
Drop per element at 4.0A DC
VF
V
Maximum DC Reverse Current @TA=25℃
at Rated DC Blocking Voltage @TA=100℃
IR
uA
Typical junction capacitance per leg(note1 )
CJ
pF
Typical Thermal Resistance Per leg (note2)
RθJC
℃/W
Operating & StorageTemperature Range
TJ&TSTG
6.0
-55 to +150
35
note2. Thermal resistance from junction to case
with 0.47x0.47" (12x12mm) copper pads.
note1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts
100
1.1
5.0
500
4.0
41.5
1 of 2
KBP401G thru KBP408G


Similar Part No. - KBP401G

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
KBP401G JUXING-KBP401G Datasheet
386Kb / 2P
   BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
KBP401G MCC-KBP401G Datasheet
325Kb / 3P
   4 Amp Bridge Rectifier 50 to 1000 Volts
logo
SHIKUES Electronics
KBP401G SKTECHNOLGY-KBP401G Datasheet
605Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - KBP401G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com