Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB4S Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # MB4S
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

MB4S Datasheet(HTML) 1 Page - Compact Technology Corp.

  MB4S Datasheet HTML 1Page - Compact Technology Corp. MB4S Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MB1S thru MB10S
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique
The plastic material has UL flammability classification
94V-0
In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Polarity : As marked on Body
Weight : 0.0044 ounces, 0.125 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
MBS
GLASS PASSIVATED BRIDGE RECTIFIERS
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 0.8 Amperes
Compact Technology
1 of 2
MB1S thru MB10S
A
C
D
E
F
G
H
B
L
K
J
I
K
M
All Dimensions in millimeter
MBS
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
L
K
J
I
M
4.50
2.30
0.90
3.80
2.30
0.50
0.15
1.30
0.70
4.90
2.70
7.00
1.30
4.20
3.00
2.70
0.20
0.80
0.35
1.70
1.10
5
TYPICAL


Similar Part No. - MB4S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB4S FAIRCHILD-MB4S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
logo
Rectron Semiconductor
MB4S RECTRON-MB4S Datasheet
175Kb / 6P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
logo
List of Unclassifed Man...
MB4S ETC2-MB4S Datasheet
154Kb / 2P
   Glass Passivated Single Phase Bridge Rectifiers
logo
GUANGDONG HOTTECH INDUS...
MB4S HOTTECH-MB4S Datasheet
314Kb / 2P
   Surface Mount Bridge Rectifier
logo
Silicon Standard Corp.
MB4S SSC-MB4S Datasheet
246Kb / 3P
   Surface Mount Bridge Rectifiers
More results

Similar Description - MB4S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com