Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD132G725E4M-K Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMD132G725E4M-K
Description  Low Profile Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD132G725E4M-K Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMD132G725E4M-K Datasheet HTML 6Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 7Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 8Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 9Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 10Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 11Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 12Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 13Page - Hynix Semiconductor HYMD132G725E4M-K Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HYMD132G725E(L)4M-M/K/H/L
Rev. 0.1 / Sep. 2003
10
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
- continued -
Parameter
Symbol
DDR266(2-2-2)
DDR266A
DDR266B
DDR200
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Input Setup Time (fast slew rate)
tIS
0.9
-
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Hold Time (fast slew rate)
tIH
0.9
-
0.9
-
0.9
-
1.1
-
ns
2,3,5,6
Input Setup Time
(slow slew rate)
tIS
1.0
-
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Hold Time (slow slew rate)
tIH
1.0
-
1.0
-
1.0
-
1.1
-
ns
2,4,5,6
Input Pulse Width
tIPW
2.2
2.2
2.2
2.5
-
ns
6
Write DQS High Level Width
tDQSH
0.35
-
0.35
-
0.35
-
0.35
-
CK
Write DQS Low Level Width
tDQSL
0.35
-
0.35
-
0.35
-
0.35
-
CK
Clock to First Rising edge of
DQS-In
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
0.75
1.25
CK
Data-In Setup Time to DQS-In
(DQ & DM)
tDS
0.5
-
0.5
-
0.5
-
0.6
-
ns
6,7,
11~13
Data-in Hold Time to DQS-In
(DQ & DM)
tDH
0.5
-
0.5
-
0.5
-
0.6
-
ns
DQ & DM Input Pulse Width
tDIPW
1.75
-
1.75
-
1.75
-
2
-
ns
Read DQS Preamble Time
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
CK
Read DQS Postamble Time
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
CK
Write DQS Preamble Setup Time
tWPRES
0-
0
-
0
-
0
-
CK
Write DQS Preamble Hold Time
tWPREH
0.25
-
0.25
-
0.25
-
0.25
-
CK
Write DQS Postamble Time
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
CK
Mode Register Set Delay
tMRD
2-
2
-
2
-
2
-
CK
Exit Self Refresh to Any Execute
Command
tXSC
200
-
200
-
200
-
200
-
CK
8
Average Periodic Refresh Interval
tREFI
-
15.6
-
15.6
-
15.6
-
15.6
us


Similar Part No. - HYMD132G725E4M-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD132G725E4-H HYNIX-HYMD132G725E4-H Datasheet
192Kb / 17P
   Registered DDR SDRAM DIMM
HYMD132G725E4-K HYNIX-HYMD132G725E4-K Datasheet
192Kb / 17P
   Registered DDR SDRAM DIMM
HYMD132G725E4-L HYNIX-HYMD132G725E4-L Datasheet
192Kb / 17P
   Registered DDR SDRAM DIMM
HYMD132G725E4-M HYNIX-HYMD132G725E4-M Datasheet
192Kb / 17P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD132G725E4M-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com