Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD212G726BS4M-M Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD212G726BS4M-M
Description  Low Profile Registered DDR SDRAM DIMM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD212G726BS4M-M Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD212G726BS4M-M Datasheet HTML 1Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 2Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 3Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 4Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 5Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 6Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 7Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 8Page - Hynix Semiconductor HYMD212G726BS4M-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HYMD212G726B(L)S4M-M/K/H/L
Rev. 0.1 / Dec. 2003
3
PIN DESCRIPTION
PIN ASSIGNMENT
Pin
Pin Description
Pin
Pin Description
CK0, /CK0
Differential Clock Inputs
VDDQ
DQs Power Supply
CS0
Chip Select Input
VSS
Ground
CKE0
Clock Enable Input
VREF
Reference Power Supply
/RAS, /CAS, /WE
Commend Sets Inputs
VDDSPD
Power Supply for SPD
A0 ~ A12
Address
SA0~SA2
E2PROM Address Inputs
BA0, BA1
Bank Address
SCL
E2PROM Clock
DQ0~DQ63
Data Inputs/Outputs
SDA
E2PROM Data I/O
CB0~CB7
Data Strobe Inputs/Outputs
WP
Write Protect Flag
DQS0~DQS17
Data Strobe Inputs/Outputs
VDDID
VDD Identification Flag
DM0~DM8
Data-in Mask
DU
Do not Use
VDD
Power Supply
NC
No Connection
/RESET
Reset Enable
FETEN
FET Enable
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VREF
32
A5
62
VDDQ
93
VSS
124
VSS
154
/RAS
2
DQ0
33
DQ24
63
/WE
94
DQ4
125
A6
155
DQ45
3
VSS
34
VSS
64
DQ41
95
DQ5
126
DQ28
156
VDDQ
4
DQ1
35
DQ25
65
/CAS
96
VDDQ
127
DQ29
157
/CS0
5
DQS0
36
DQS3
66
VSS
97
DQS9
128
VDDQ
158
/CS1*
6
DQ2
37
A4
67
DQS5
98
DQ6
129
DQS12
159
DM5
7
VDD
38
VDD
68
DQ42
99
DQ7
130
A3
160
VSS
8
DQ3
39
DQ26
69
DQ43
100
VSS
131
DQ30
161
DQ46
9
NC
40
DQ27
70
VDD
101
NC
132
VSS
162
DQ47
10
/RESET
41
A2
71
NC
102
NC
133
DQ31
163
NC
11
VSS
42
Vss
72
DQ48
103
NC(FETEN)
134
CB4
164
VDDQ
12
DQ8
43
A1
73
DQ49
104
VDDQ
135
CB5
165
DQ52
13
DQ9
44
CB0
74
VSS
105
DQ12
136
VDDQ
166
DQ53
14
DQS1
45
CB1
75
DU
106
DQ13
137
CK0
167
NC(A13)
15
VDDQ
46
VDD
76
DU
107
DQS10
138
/CK0
168
VDD
16
NC(CK1*)
47
DQS8
77
VDDQ
108
VDD
139
VSS
169
DM6
17
NC(CK1*)
48
A0
78
DQS6
109
DQ14
140
DQS17
170
DQ54
18
VSS
49
CB2
79
DQ50
110
DQ15
141
A10
171
DQ55
19
DQ10
50
VSS
80
DQ51
111
CKE1*
142
CB6
172
VDDQ
20
DQ11
51
CB3
81
VSS
112
VDDQ
143
VDDQ
173
NC
21
CKE0
52
BA1
82
VDDID
113
NC(BA2*)
144
CB7
174
DQ60
22
VDDQ
Key
83
DQ56
114
DQ20
key
175
DQ61
23
DQ16
53
DQ32
84
DQ57
115
A12
145
VSS
176
VSS
24
DQ17
54
VDDQ
85
VDD
116
VSS
146
DQ36
177
DM7
25
DQS2
55
DQ33
86
DQS7
117
DQ21
147
DQ37
178
DQ62
26
VSS
56
DQS4
87
DQ58
118
A11
148
VDD
179
DQ63
27
A9
57
DQ34
88
DQ59
119
DQS11
149
DQS13
180
VDDQ
28
DQ18
58
VSS
89
VSS
120
VDD
150
DQ38
181
SA0
29
A7
59
BA0
90
NU
121
DQ22
151
DQ39
182
SA1
30
VDDQ
60
DQ35
91
SDA
122
A8
152
VSS
183
SA2
31
DQ19
61
DQ40
92
SCL
123
DQ23
153
DQ44
184
VDDSPD
* These are not used on this module but may be used for other module in 184pin DIMM family


Similar Part No. - HYMD212G726BS4M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD212G726ALS4-H HYNIX-HYMD212G726ALS4-H Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD212G726ALS4-K HYNIX-HYMD212G726ALS4-K Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD212G726ALS4-L HYNIX-HYMD212G726ALS4-L Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD212G726ALS4-M HYNIX-HYMD212G726ALS4-M Datasheet
267Kb / 16P
   Registered DDR SDRAM DIMM
HYMD212G726ALS4M-H HYNIX-HYMD212G726ALS4M-H Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
More results

Similar Description - HYMD212G726BS4M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com