Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD216M646C6-M Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMD216M646C6-M
Description  Unbuffered DDR SO-DIMM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216M646C6-M Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMD216M646C6-M Datasheet HTML 1Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 2Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 3Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 4Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 5Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 6Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 7Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 8Page - Hynix Semiconductor HYMD216M646C6-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
HYMD216M646C(L)6-J/M/K/H/L
Rev. 0.3 / Oct. 2004
4
FUNCTIONAL BLOCK DIAGRAM
/CS0
BA0-BA1
BA0-BA1 : SDRAMs D0 - D3
A0 - A12
A0 - A12 : SDRAMs D0 - D3
/RAS
/RAS : SDRAMs D0 - D3
/CAS
/CAS : SDRAMs D0 - D3
CKE0
CKE : SDRAMs D0 - D3
/WE
/WE : SDRAMs D0 - D3
D0
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM1
DQS1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM0
DQS0
D1
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM3
DQS3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM2
DQS2
D2
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM5
DQS5
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DM4
DQS4
D3
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM7
DQS7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM6
DQS6
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 - D3
D0 - D3
D0 - D3
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
Notes:
DQ wiring may differ from that described in this drawing ;
however DQ/DM/DQS relationship are maintained as shown.
VDDID strap connections;
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD= VDDQ
Serial PD
A0
A1
A2
SA0
SA1
SA2
SCL
WP
SDA
/CS0
BA0-BA1
BA0-BA1 : SDRAMs D0 - D3
A0 - A12
A0 - A12 : SDRAMs D0 - D3
/RAS
/RAS : SDRAMs D0 - D3
/CAS
/CAS : SDRAMs D0 - D3
CKE0
CKE : SDRAMs D0 - D3
/WE
/WE : SDRAMs D0 - D3
D0
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM1
DQS1
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM1
DQS1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM0
DQS0
D1
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM3
DQS3
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM3
DQS3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM2
DQS2
D2
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM5
DQS5
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM5
DQS5
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DM4
DQS4
D3
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM7
DQS7
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM7
DQS7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM6
DQS6
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 - D3
D0 - D3
D0 - D3
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 - D3
D0 - D3
D0 - D3
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
Notes:
DQ wiring may differ from that described in this drawing ;
however DQ/DM/DQS relationship are maintained as shown.
VDDID strap connections;
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD= VDDQ
Serial PD
A0
A1
A2
SA0
SA1
SA2
SCL
WP
SDA
Serial PD
A0
A1
A2
SA0
SA1
SA2
SCL
WP
SDA


Similar Part No. - HYMD216M646C6-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216M646C6-D4 HYNIX-HYMD216M646C6-D4 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-D43 HYNIX-HYMD216M646C6-D43 Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD216M646C6-J HYNIX-HYMD216M646C6-J Datasheet
326Kb / 19P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216M646C6-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M726AL6-J HYNIX-HYMD216M726AL6-J Datasheet
302Kb / 19P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com