Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2HW-C222MR Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D2HW-C222MR
Description  Sealed Subminiature Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW-C222MR Datasheet(HTML) 4 Page - Omron Electronics LLC

  D2HW-C222MR Datasheet HTML 1Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 2Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 3Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 4Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 5Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 6Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 7Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 8Page - Omron Electronics LLC D2HW-C222MR Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
184
Sealed Subminiature Snap Action Switch
D2HW
■ Contact Form
Note: Lead wire colors are indicated in parentheses.
■ Approved Standards
Consult your OMRON sales representative for specific models with
standard approvals.
UL1054 (File No. E41515)/CSA C22.2 No. 55 (UL approval)
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard
reference values. This value represents the failure rate at a
60% (
λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6/operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%.
SPDT
SPST-NC
(Lead Wire Models Only)
SPST-NO
(Lead Wire Models Only)
COM
(Black)
NO
(Blue)
NC
(Red)
COM
(Black)
NO
(Blue)
COM
(Black)
NC
(Red)
Rated voltage
D2HW
125 VAC
0.1 A
12 VDC
2 A
Item
Specification
Specification
Crossbar
Material
Gold alloy
Gap (standard value)
0.5 mm
Minimum applicable load
(see note)
1 mA at 5 VDC


Similar Part No. - D2HW-C222MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW-C222MR OMRON-D2HW-C222MR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-C222MR OMRON-D2HW-C222MR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
More results

Similar Description - D2HW-C222MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3M OMRON-D3M Datasheet
752Kb / 8P
   Subminiature Snap Action Switch
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
   Sealed Subminiature Snap Switch
logo
Omron Electronics LLC
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com