Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF3001 Datasheet(PDF) 1 Page - Compact Technology Corp.

Part # UF3001
Description  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF3001 Datasheet(HTML) 1 Page - Compact Technology Corp.

  UF3001 Datasheet HTML 1Page - Compact Technology Corp. UF3001 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTES : 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal Resistance Junction to Case at 9.5mm Lead Length.PCB Mounted JEDEC Registered Value.
VRMS
VDC
VRRM
I(AV)
IFSM
VF
IR
@TA
=55 C
@TJ =100 C
UF3001 thru UF3007
ULTRA FAST RECTIFIERS
FEATURES
Low cost
Diffused junction
Ultra fast switching for high efficiency
Low reverse leakage current
Low forward voltage drop
High current capability
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
Case : JEDEC DO-201AD molded plastic
Polarity : Color band denotes cathode
Weight : 0.04 ounces, 1.2 grams
Mounting position : Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Maximum Average Forward
Rectified Current
Peak Forward Surge Current
8.3ms single half sine-wave
super imposed on rated load (JEDEC Method)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum forward Voltage at 3.0A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =25 C
3.0
150
1.0
5
100
TJ
Operating Temperature Range
-55 to +150
C
TSTG
Storage Temperature Range
-55 to +150
C
Typical Thermal Resistance (Note 3)
R0JC
17
C/W
uA
V
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL UF3001
50
35
50
CJ
Typical Junction
Capacitance
(Note 2)
75
pF
50
Maximum Reverse Recovery Time (Note 1)
TRR
1.3
1.7
50
75
ns
All Dimensions in millimeter
Max.
Min.
DO-201AD
Dim.
A
D
C
B
25.4
9.50
-
7.20
1.20
4.80
5.30
1.30
DO-201AD
A
C
D
A
B
100
70
100
UF3002
200
140
200
UF3003
400
280
400
UF3004
600
420
600
UF3005
800
560
800
UF3006
1000
700
1000
UF3007
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 3.0 Amperes
Compact Technology
CTC0110 Ver. 2.0
1 of 2
UF3001 thru UF3007


Similar Part No. - UF3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
62Kb / 2P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. E-2
logo
Nanjing International G...
UF3001 DGNJDZ-UF3001 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Fuji Electric
UF3001 FUJI-UF3001 Datasheet
701Kb / 1P
   3 AMP ULTRA FAST SWITCHING RECTIFIER
logo
Nanjing International G...
UF3001 DGNJDZ-UF3001 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Diodes Incorporated
UF3001 DIODES-UF3001 Datasheet
409Kb / 3P
   3.0A ULTRA-FAST RECTIFIER
DS25004 Rev. 8 - 2
More results

Similar Description - UF3001

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com