Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232G726L8M-K Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HYMD232G726L8M-K
Description  Low Profile Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232G726L8M-K Datasheet(HTML) 5 Page - Hynix Semiconductor

  HYMD232G726L8M-K Datasheet HTML 1Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 2Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 3Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 4Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 5Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 6Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 7Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 8Page - Hynix Semiconductor HYMD232G726L8M-K Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HYMD232G726(L)8M-K/H/L
Rev. 0.4/Oct. 02
5
AC OPERATING TEST CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Parameter
Value
Unit
Reference Voltage
VDDQ x 0.5
V
Termination Voltage
VDDQ x 0.5
V
AC Input High Level Voltage (VIH, min)
VREF + 0.31
V
AC Input Low Level Voltage (VIL, max)
VREF - 0.31
V
Input Timing Measurement Reference Level Voltage
VREF
V
Output Timing Measurement Reference Level Voltage
VTT
V
Input Signal maximum peak swing
1.5
V
Input minimum Signal Slew Rate
1
V/ns
Termination Resistor (RT)50
W
Series Resistor (RS)25
W
Output Load Capacitance for Access Time Measurement (CL)30
pF


Similar Part No. - HYMD232G726L8M-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726L8-H HYNIX-HYMD232G726L8-H Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-K HYNIX-HYMD232G726L8-K Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726L8-L HYNIX-HYMD232G726L8-L Datasheet
241Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD232G726L8M-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com