Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232G726AL8M-K Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HYMD232G726AL8M-K
Description  Low Profile Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232G726AL8M-K Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HYMD232G726AL8M-K Datasheet HTML 4Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 5Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 6Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 7Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 8Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 9Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 10Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 11Page - Hynix Semiconductor HYMD232G726AL8M-K Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HYMD232G726A(L)8M-M/K/H/L
Rev. 0.2/May. 02
8
DC CHARACTERISTICS II (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Test Condition
Speed
Unit Note
-M
-K
-H
-L
Operating Current
IDD0
One bank; Active - Precharge; tRC=tRC(min);
tCK=tCK(min); DQ,DM and DQS inputs
changing twice per clock cycle; address and
control inputs changing once per clock cycle
1595
1505
1505
1460
mA
Operating Current
IDD1
One bank; Active - Read - Precharge; Burst
Length =2; tRC=tRC(min); tCK=tCK(min);
address and control inputs changing once per
clock cycle
2000
1820
1820
1730
mA
Precharge Power
Down Standby Current
IDD2P
All banks idle; Power down mode; CKE=Low,
tCK=tCK(min)
830
mA
Idle Standby Current
IDD2F
/CS=High, All banks idle; tCK=tCK(min);
CKE=High
; address and control inputs changing once per
clock cycle. VIN=VREF for DQ, DQS and DM
1100
1010
1010
965
mA
Active Power Down
Standby Current
IDD3P
One bank active; Power down mode;
CKE=Low, tCK=tCK(min)
875
mA
Active Standby Current
IDD3N
/CS=HIGH; CKE=HIGH; One bank; Active-
Precharge; tRC=tRAS(max); tCK=tCK(min);
DQ, DM and DQS inputs changing twice per
clock cycle; Address and other control inputs
changing once per clock cycle
1190
1100
1100
1100
mA
Operating Current
IDD4R
Burst=2; Reads; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min);
IOUT=0mA
3260
2900
2900
2360
mA
Operating Current
IDD4W
Burst=2; Writes; Continuous burst; One bank
active; Address and control inputs changing
once per clock cycle; tCK=tCK(min); DQ, DM,
and DQS inputs changing twice per clock cycle
3260
2900
2900
2360
Auto Refresh Current
IDD5
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz,
10*tCK for DDR266A & DDR266B at 133Mhz;
distributed refresh
2420
2240
2240
2105
Self Refresh Current
IDD6
CKE=<0.2V; External clock on;
tCK =tCK(min)
Normal
377
mA
Low Power
363.5
mA
Operating Current -
Four Bank Operation
IDD7
Four bank interleaving with BL=4 Refer to the
following page for detailed test condition
3485
3395
3395
3170
mA


Similar Part No. - HYMD232G726AL8M-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726AL8-H HYNIX-HYMD232G726AL8-H Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726AL8-K HYNIX-HYMD232G726AL8-K Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726AL8-L HYNIX-HYMD232G726AL8-L Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
HYMD232G726AL8-M HYNIX-HYMD232G726AL8-M Datasheet
260Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD232G726AL8M-K

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726A8M-M HYNIX-HYMD264G726A8M-M Datasheet
200Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com