Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD264G726A8M-M Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HYMD264G726A8M-M
Description  Low Profile Registered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264G726A8M-M Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HYMD264G726A8M-M Datasheet HTML 5Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 6Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 7Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 8Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 9Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 10Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 11Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 12Page - Hynix Semiconductor HYMD264G726A8M-M Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HYMD264G726A(L)8M-M/K/H/L
Rev. 0.2/May. 02
9
AC CHARACTERISTICS (AC operating conditions unless otherwise noted)
Parameter
Symbol
DDR266(2-2-2)
DDR266A
DDR266B
DDR200
Unit Note
Min
Max
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
60
-
65
-
65
-
70
-
ns
Auto Refresh Row Cycle Time
tRFC
75
-
75
-
75
-
80
-
ns
Row Active Time
tRAS
45
120K
45
120K
45
120K
50
120K
ns
Active to Read with Auto
Precharge Delay
tRAP
15
-
20
-
20
-
20
-
ns
16
Row Address to Column Address
Delay
tRCD
15
-
20
-
20
-
20
-
ns
Row Active to Row Active Delay
tRRD
15
-
15
-
15
-
15
-
ns
Column Address to Column
Address Delay
tCCD
1
-
1
-
1
-
1
-
CK
Row Precharge Time
tRP
15
-
20
-
20
-
20
-
ns
Write Recovery Time
tWR
15
-
15
-
15
-
15
-
ns
Write to Read Command Delay
tWTR
1
-
1
-
1
-
1
-
CK
Auto Precharge Write Recovery
+ Precharge Time
tDAL
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
(tWR/tCK)
+
(tRP/tCK)
-
CK
15
System Clock
Cycle Time
CL = 2.5
tCK
7.5
12
7.5
12
7.5
12
8.0
12
ns
CL = 2
7.5
12
7.5
12
10
12
10
12
ns
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
CK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
CK
Data-Out edge to Clock edge
Skew
tAC
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
DQS-Out edge to Clock edge
Skew
tDQSCK
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
DQS-Out edge to Data-Out edge
Skew
tDQSQ
-
0.5
-
0.5
-
0.5
-
0.6
ns
Data-Out hold time from DQS
tQH
tHP
-tQHS
-
tHPmin
-tQHS
-
tHPmin
-tQHS
-
tHPmin
-tQHS
-
ns
1, 10
Clock Half Period
tHP
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
min
(tCL,tCH)
-
ns
1,9
Data Hold Skew Factor
tQHS
-
0.75
-
0.75
-
0.75
-
0.75
ns
10
Valid Data Output Window
tDV
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
tQH-tDQSQ
ns
Data-out high-impedance
window from CK, /CK
tHZ
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17
Data-out low-impedance window
from CK, /CK
tLZ
-0.75
0.75
-0.75
0.75
-0.75
0.75
-0.8
0.8
ns
17


Similar Part No. - HYMD264G726A8M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264G726A8-H HYNIX-HYMD264G726A8-H Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-K HYNIX-HYMD264G726A8-K Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-L HYNIX-HYMD264G726A8-L Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
HYMD264G726A8-M HYNIX-HYMD264G726A8-M Datasheet
282Kb / 16P
   Registered DDR SDRAM DIMM
More results

Similar Description - HYMD264G726A8M-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232G726BL8M-M HYNIX-HYMD232G726BL8M-M Datasheet
154Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD525G726AS4M-M HYNIX-HYMD525G726AS4M-M Datasheet
304Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL8M-M HYNIX-HYMD264G726BL8M-M Datasheet
146Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD264G726BL4M-M HYNIX-HYMD264G726BL4M-M Datasheet
160Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726BS4M-M HYNIX-HYMD212G726BS4M-M Datasheet
164Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD564G726A8M-M HYNIX-HYMD564G726A8M-M Datasheet
264Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B4M-M HYNIX-HYMD132G725B4M-M Datasheet
232Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725EL4M-M HYNIX-HYMD132G725EL4M-M Datasheet
166Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
HYMD212G726AS4M-M HYNIX-HYMD212G726AS4M-M Datasheet
235Kb / 16P
   Low Profile Registered DDR SDRAM DIMM
HYMD132G725B8M-M HYNIX-HYMD132G725B8M-M Datasheet
258Kb / 17P
   Low Profile Registered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com