Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC7302LT Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAC7302LT
Description  PAC7302 VGA Output PC Camera SOC with Audio PAC7301 VGA Output PC Camera SOC without Audio
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7302LT Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAC7302LT Datasheet HTML 1Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 2Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 3Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 4Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 5Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 6Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 7Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 8Page - Pixart Imaging Inc. PAC7302LT Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
PixArt Imaging Inc.
PAC7301/PAC7302
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
2
PixArt Imaging Inc.
E-mail: fae_service@PixArt.com.tw
V1.4 Nov 2007
3. Pin Assignment
3.1PLCC Package(11.43X11.43)
Pin# Name
Type
Description
1
MIC_N
IN
Microphone negative input
2
VSSA_AUDIO GND
Audio analog circuit GND
3
VDDADC33
BYPASS Audio ADC power ,3.3V
4
GPI3
IN
General purpose input pin
5
GPO1
OUT
General purpose output pin
6
NC
-
No Connection
7
NC
-
No Connection
8
TEST2
IN
Test pin. Connect to GND in normal operation mode, internal pull-down
100Kohm
9
RESET#
IN
Chip power up reset
10 GPI1
IN
General purpose input pin
11 VSSQ
GND
Digital Ground for I/O and PHY, digital core.
12 EPR_DO/TR3 IN
Data out of EEPROM (IO trap pin for PID3, internal pull-up 100Kohm)
13 EPR_DI/TR0
OUT
Data input of EEPROM (IO trap pin for PID0, internal pull-up 100Kohm)
14 EPR_SK/TR2
OUT
Serial clock of EEPROM (IO trap pin for PID2, internal pull-up 100Kohm)
15 EPR_CS/TR1
OUT
Chip select of EEPROM (IO trap pin for PID1, internal pull-up 100Kohm)
16 LED
OUT
LED driver
17 GPI2
IN
General purpose input pin
18 NC
-
No Connection
19 NC
-
No Connection
20 EPR_EN
IN
EEPROM enable pin active high
21 AUD_EnH
IN
Audio enable pin, High active, internal pull-up 100Kohm
22 VSSQ
GND
Digital Ground for I/O and PHY, digital core.
23 VDDD
BYPASS Logic power for digital circuit, 1.8V
24 VDDMD5
PWR
5V power for digital circuit
25 VDDQ
BYPASS Power for I/O and PHY, 3.3V
26 OSC_OUT
OUT
Crystal output
27 OSC_IN
IN
Crystal input
28 DN
I/O
DN for USB1.1 PHY
29 DP
I/O
DP for USB1.1 PHY
30 NC
-
No Connection
31 NC
-
No Connection
32 GPO2
OUT
General purpose output pin, internal pull-up 100Kohm, reserve VID
33 KEY#
IN
Snapshot control signal (Active Low, internal pull-up 100Kohm)
34 VSSA
GND
Analog ground
35 VSSAY
GND
Sensor ground
36 VDDA
BYPASS Analog power for Video PGA/ADC 2.5V
37 VDDAYM
BYPASS Analog power for sensor CDS 2.5V
38 VDDAY
BYPASS Analog power for sensor array 2.5V
39 VDDA33
BYPASS Analog power output 3.3V(for 2.5 regulator use)
40 VDDMA5
PWR
5V power for video analog circuit
41 TEST1
IN
Test pin. Connect to GND in normal operation mode, internal pull-down
100Kohm
42 NC
-
No Connection
43 NC
-
No Connection
44
VDDMA5_AU
D
PWR
5V power for analog audio circuit
45 VDDPGA33
BYPASS Analog power output for audio PGA 3.3V
46 VCOM
BYPASS Microphone common mode voltage reference(audio power)


Similar Part No. - PAC7302LT

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
   VGA PC Camera Single-Chip
PAC7311CS PIXART-PAC7311CS Datasheet
518Kb / 13P
   VGA PC Camera Single-Chip
PAC7311PE PIXART-PAC7311PE Datasheet
518Kb / 13P
   VGA PC Camera Single-Chip
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
   VGA PC Camera Single-Chip with Audio
PAC7312CS PIXART-PAC7312CS Datasheet
521Kb / 13P
   VGA PC Camera Single-Chip with Audio
More results

Similar Description - PAC7302LT

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
   VGA PC Camera Single-Chip with Audio
PAC7332 PIXART-PAC7332 Datasheet
862Kb / 8P
   VGA PC Camera Single-Chip with Audio
PAC7352 PIXART-PAC7352 Datasheet
1Mb / 12P
   PAC7352 USB 2.0 VGA Camera SoC
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
   VGA PC Camera Single-Chip
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
   VGA & CIF USB PC Camera Controller
logo
Advantech Co., Ltd.
PCM-3342 ADVANTECH-PCM-3342 Datasheet
311Kb / 2P
   x86 SoC PC/104 with VGA, LCD, LAN, USB, SATA, CF, PC/104
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
   VGA CAMERA MODULE
logo
HiSilicon(Shanghai) Tec...
HI3516 HISILICON-HI3516 Datasheet
185Kb / 2P
   Full-HD IP Camera SoC
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
   VGA Mobile Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com