Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN101B Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAN101B
Description  CMOS OPTICAL NAVIGATION SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN101B Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAN101B Datasheet HTML 1Page - Pixart Imaging Inc. PAN101B Datasheet HTML 2Page - Pixart Imaging Inc. PAN101B Datasheet HTML 3Page - Pixart Imaging Inc. PAN101B Datasheet HTML 4Page - Pixart Imaging Inc. PAN101B Datasheet HTML 5Page - Pixart Imaging Inc. PAN101B Datasheet HTML 6Page - Pixart Imaging Inc. PAN101B Datasheet HTML 7Page - Pixart Imaging Inc. PAN101B Datasheet HTML 8Page - Pixart Imaging Inc. PAN101B Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PixArt Imaging Inc.
PAN101B
CMOS Optical Navigation Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.4, FEB. 2003
0x02
Motion_Status
Bit
7
6
5
4
3
2
1
0
Field
Motion
Reserved
Reserved
DYOVF
DXOVF
Reserved
Reserved
RES
Usage
Register 0x02 allows the user to determine if motion has occurred since the last time it was read. If
so, then the user should read registers 0x03 and 0x04 to get the accumulated motion. It also tells if
the motion buffers have overflowed since the last reading. The current resolution is also shown.
Reading this register freezes the Delta_X and Delta_Y register values. Read this register before
reading the Delta_X and Delta_Y registers. If Delta_X and Delta_Y are not read before the motion
register is read a second time, the data in Delta_X and Delta_Y will be lost.
Field Name
Description
Motion
Motion since last report or PD
0 = No motion (Default)
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
Reserved
Reserved for future
Reserved
Reserved for future
DYOVF
Motion Delta Y overflow, ∆Y buffer has overflowed since last report
0 = no overflow (Default)
1 = Overflow has occurred
DXOVF
Motion Delta X overflow, ∆X buffer has overflowed since last report
0 = no overflow (Default)
1 = Overflow has occurred
Reserved
Reserved for future
Reserved
Reserved for future
Notes
RES
Resolution in counts per inch
0 = 800 (Default @ PAN101BXX-208)
1 = 400 (Default @ PAN101BXX-204)
0x03
Delta_X
Bit
7
6
5
4
3
2
1
0
Field
X7
X6
X5
X4
X3
X2
X1
X0
Usage
X movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128~+127.
0x04
Delta_Y
Bit
7
6
5
4
3
2
1
0
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Usage
Y movement is counts since last report. Absolute value is determined by resolution. Reading clears
the register. Report range –128~+127.


Similar Part No. - PAN101B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PAN1026 PANASONIC-PAN1026 Datasheet
388Kb / 2P
   Dual Mode, Place and Play Bluetooth Module
PAN1026A PANASONIC-PAN1026A Datasheet
891Kb / 26P
   Bluetooth Basic Data Rate and Low Energy Module
More results

Similar Description - PAN101B

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PMW3330DM-T2QU PIXART-PMW3330DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3360DM-T2QU PIXART-PMW3360DM-T2QU Datasheet
2Mb / 18P
   Optical Gaming Navigation Sensor
PMW3330DM-TZQU PIXART-PMW3330DM-TZQU Datasheet
782Kb / 9P
   Optical Gaming Navigation Sensor
PMW3320DB-TYDU PIXART-PMW3320DB-TYDU Datasheet
458Kb / 9P
   Entry-Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050 Datasheet
1Mb / 31P
   Entry-level Gaming Optical Navigation Sensor
ADNS-3050 PIXART-ADNS-3050_17 Datasheet
1Mb / 9P
   Entry-level Gaming Optical Navigation Sensor
ADBS-A350 PIXART-ADBS-A350 Datasheet
1Mb / 55P
   Optical Finger Navigation
ADBM-A350 PIXART-ADBM-A350 Datasheet
1Mb / 52P
   Optical Finger Navigation
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5700 AVAGO-ADNS-5700 Datasheet
310Kb / 41P
   Optical navigation technology
ADBS-A320 AVAGO-ADBS-A320 Datasheet
1Mb / 55P
   Optical Finger Navigation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com