Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAN3101 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAN3101
Description  LOW COST CMOS OPTICAL MOUSE SENSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAN3101 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAN3101 Datasheet HTML 7Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 8Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 9Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 10Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 11Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 12Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 13Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 14Page - Pixart Imaging Inc. PAN3101 Datasheet HTML 15Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PixArt Imaging Inc.
PAN3101
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 MAR. 2005
4. Specifications
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes
TSTG
Storage temperature
-40
85
TA
Operating Temperature
-15
55
°C
Lead Solder Temp
260
°C
For 10 seconds, 1.6mm below
seating plane.
VDD
DC supply voltage
-0.5
5.5
V
ESD
2
kV
All pins, human body model MIL
883 Method 3015
VIN
DC input voltage
-0.5
5.5
V
SDIO, SCLK, VDD
Recommend Operating Condition
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
TA
Operating
Temperature
0
40
°C
VDD
Power supply voltage
4.25
5.0
5.5
V
VN
Supply noise
100
mV
Peak to peak within 0-100 MHz
FCLK
Clock Frequency
18.432
24.576
MHz
Set by ceramic resonator
FR
Frame Rate
3000
4000
Frames/s 4000Frames/s @ FCLK=24.567MHz
SCLK
Serial Port Clock
Frequency
10
MHz
Z
Distance from lens
reference plane to
surface
2.3
2.4
2.5
mm
Refer to Figure 5.
S
Speed
0
21
28
Inches/sec 28inches/sec @ FCLK=24.567MHz
A
Acceleration
0.1
20
g
R
Resolution
800
cpi


Similar Part No. - PAN3101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301ASI-204 ETC2-PAN301ASI-204 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301ASI-204 PIXART-PAN301ASI-204 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301ASI-208 ETC2-PAN301ASI-208 Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN3101

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAW3102DB PIXART-PAW3102DB Datasheet
436Kb / 22P
   HIGH RESOLUTION CMOS OPTICAL MOUSE SENSOR
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
ADNS-2080 PIXART-ADNS-2080 Datasheet
1Mb / 30P
   Low Power Optical Mouse Sensor
ADNS-3000 PIXART-ADNS-3000_16 Datasheet
741Kb / 10P
   Low Power Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5095 AVAGO-ADNS-5095 Datasheet
272Kb / 31P
   Low Power Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3000 PIXART-ADNS-3000 Datasheet
639Kb / 30P
   Low Power Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com