Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2HW-BR271H Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D2HW-BR271H
Description  Sealed Subminiature Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW-BR271H Datasheet(HTML) 1 Page - Omron Electronics LLC

  D2HW-BR271H Datasheet HTML 1Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 2Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 3Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 4Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 5Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 6Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 7Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 8Page - Omron Electronics LLC D2HW-BR271H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Sealed Subminiature Snap Action Switch
D2HW
181
Sealed Subminiature Snap Action Switch
D2HW
Smallest Sealed Snap-Action Switch in
the Industry With a Long Stroke For
Reliable ON/OFF Action
• Conforms to IP67
• Case dimensions 22% smaller than conventional models
• Extra-long stroke even without levers
(OT: 1.4 mm)
• All models are lead-free, including lead wire models
• RoHS Compliant
Ordering Information
Add “S” to the end of the model number for the UL/CSA-approved version. Consult your OMRON sales representative for details.
■ PCB-Mounted Models
■ Models with Solder Terminals or Lead Wire Terminals
Actuator
Terminals
Contact form
Model
With posts on right
With posts on left
Without posts
Pin plunger
For PCB
Straight
SPDT
---
---
D2HW-A201D
Angled
D2HW-BR201DR
D2HW-BL201DL
---
Hinge lever
Straight
---
---
D2HW-A211D
Angled
D2HW-BR211DR
D2HW-BL211DL
---
Long hinge
lever
Straight
---
---
D2HW-A221D
Angled
D2HW-BR221DR
D2HW-BL221DL
---
Simulated roller
lever
Straight
---
---
D2HW-A231D
Angled
D2HW-BR231DR
D2HW-BL231DL
---
Actuator
Terminals
Contact form
Model
With posts on right
With posts on left
M3-screw mounting
Pin plunger
Solder
SPDT
D2HW-BR201H
D2HW-BL201H
D2HW-C201H
Lead wire
Downwards
SPDT
D2HW-BR201M
D2HW-BL201M
D2HW-C201M
SPST-NC
D2HW-BR202M
D2HW-BL202M
D2HW-C202M
SPST-NO
D2HW-BR203M
D2HW-BL203M
D2HW-C203M
(This table continues on the next page.)


Similar Part No. - D2HW-BR271H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW-BR201DR OMRON-D2HW-BR201DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR211DR OMRON-D2HW-BR211DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR221DR OMRON-D2HW-BR221DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR231DR OMRON-D2HW-BR231DR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
D2HW-BR251H OMRON-D2HW-BR251H Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
More results

Similar Description - D2HW-BR271H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3M OMRON-D3M Datasheet
752Kb / 8P
   Subminiature Snap Action Switch
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
   Sealed Subminiature Snap Switch
logo
Omron Electronics LLC
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com