Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3102DB Datasheet(PDF) 9 Page - Pixart Imaging Inc.

Part # PAW3102DB
Description  HIGH RESOLUTION CMOS OPTICAL MOUSE SENSOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3102DB Datasheet(HTML) 9 Page - Pixart Imaging Inc.

Back Button PAW3102DB Datasheet HTML 5Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 6Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 7Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 8Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 9Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 10Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 11Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 12Page - Pixart Imaging Inc. PAW3102DB Datasheet HTML 13Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PixArt Imaging Inc.
PAW3102DB
CMOS Optical Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
9
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.2, April. 2008
0x1B
Configuration
Bit
7
6
5
4
3
2
1
0
Field
XY_exch
Y_inv
X_inv
Reserved[4:0]
Usage
Register 0x1B allows the user to change the XY direction of the mouse sensor. Shown below are the
bits, their default values, and optional values.
Configuration[7:5]
“011” = Typical direction 0°
“110” = The mouse sensor turn -90°
“101” = The mouse sensor turn +90°
Notes:
When write Configuration[7:5], users have to keep Configuration[4:0] values. So the only way to
do this is read Configuration[7:0] first, set/clear the desired bits of Configuration[7:5] and keep the
same value of Configuration[4:0] , then write Configuration[7:0].
Field Name
Description
XY_exch
X and Y direction exchange function
0 = Disable (Default)
1 = Enable (X and Y direction exchange)
Y_inv
Y direction inverse function
0 = Enable(Y direction inverse)
1 = Disable (Default)
X_inv
X direction inverse function
0 = Enable (X direction inverse)
1 = Disable (Default)
Notes
Reserved[4:0]
Reserved for future use. Don’t change the reserved bits during register writes. The
user can change other bits, but the reserved bits must be kept during register writes.


Similar Part No. - PAW3102DB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results

Similar Description - PAW3102DB

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN3201DH PIXART-PAN3201DH Datasheet
603Kb / 25P
   LOW POWER CMOS OPTICAL MOUSE SENSOR
PAN3101 PIXART-PAN3101 Datasheet
487Kb / 22P
   LOW COST CMOS OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com