Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2HW-C282MR Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D2HW-C282MR
Description  Sealed Subminiature Snap Action Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2HW-C282MR Datasheet(HTML) 3 Page - Omron Electronics LLC

  D2HW-C282MR Datasheet HTML 1Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 2Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 3Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 4Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 5Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 6Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 7Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 8Page - Omron Electronics LLC D2HW-C282MR Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sealed Subminiature Snap Action Switch
D2HW
183
Ordering Information
-
continued from previous page
Note: 1. The length of standard lead wires (AVSS 0.5 = standard with UL1007 AWG 24 used on UL/CSA models.) for lead wire models is 30 cm (12 in).
2. Add “S” to the end of the model number for the UL/CSA-approved version. Consult your OMRON sales representative for details.
Specifications
■ Characteristics
Note: 1. The data given above are initial values.
2. For the pin plunger models, the above values apply for use at the free position, operating position, and total travel position. For the lever
models, they apply at the total travel position. The values shown apply for malfunctions of 1 ms max.
■ Ratings
Note: The ratings apply under the following test conditions: Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/min.
Actuator
Terminals
Contact form
Model
With posts on right With posts on left
M3-screw mounting
Simulated roller
leaf lever
Solder
SPDT
D2HW-BR271H
D2HW-BL271H
D2HW-C271H
Lead wire
Downwards
SPDT
D2HW-BR271M
D2HW-BL271M
D2HW-C271M
SPST-NC
D2HW-BR272M
D2HW-BL272M
D2HW-C272M
SPST-NO
D2HW-BR273M
D2HW-BL273M
D2HW-C273M
Right-side
SPST-NC
D2HW-BR272MR
D2HW-BL272MR
D2HW-C272MR
SPST-NO
D2HW-BR273MR
D2HW-BL273MR
D2HW-C273MR
Left-side
SPST-NC
D2HW-BR272ML
D2HW-BL272ML
SPST-NO
D2HW-BR273ML
D2HW-BL273ML
Long leaf lever
Lead wire
Downwards
SPDT
D2HW-BR281M
D2HW-BL281M
D2HW-C281M
SPST-NC
D2HW-BR282M
D2HW-BL282M
D2HW-C282M
SPST-NO
D2HW-BR283M
D2HW-BL283M
D2HW-C283M
Right-side
SPST-NC
D2HW-C282MR
SPST-NO
D2HW-C283MR
Item
Specification
Operating speed
1 mm to 500 mm/s (for pin plunger models)
Operating frequency
30 operations/min.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
(initial value)
100 m
Ω max. (lead wire models: 150 mΩ max.)
Dielectric strength
600 VAC, 50/60 Hz for 1 min. between terminals of the same polarity
1,500 VAC,50/60 Hz for 1 min. between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
Vibration resistance (See note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (See note 2)
Destruction: 1,000 m/s2 max.
Malfunction: 300 m/s2 max.
Life expectancy
(Consult Omron for test conditions)
Mechanical: 1,000,000 operations min. (30 operations/min.)
Electrical: 100,000 operations min. (20 operations/min.)
Degree of protection
IP67 (excluding the terminals on terminal models)
Degree of protection against electric
shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
-40 to 85
°C (with no icing)
Ambient operating humidity
95% max. (in temperature range 5° to 35°C)
Weight
Approx. 0.7 g (for pin plunger models with terminals)
Rated voltage (V)
Resistive load
125 VAC
0.1 A
12 VDC
2 A
24 VDC
1 A
42 VDC
0.5 A


Similar Part No. - D2HW-C282MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D2HW-C282MR OMRON-D2HW-C282MR Datasheet
376Kb / 11P
    Smallest sealed snap-action switch in the industry with a very long stroke for reliable ON/OFF action
More results

Similar Description - D2HW-C282MR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3M OMRON-D3M Datasheet
752Kb / 8P
   Subminiature Snap Action Switch
logo
Cherry Semiconductor Co...
DG13B1LA CHERRY-DG13B1LA Datasheet
247Kb / 3P
   Subminiature Snap Action Switch
logo
Omron Electronics LLC
D2JW OMRON-D2JW Datasheet
525Kb / 8P
   Sealed Snap Action Switch
D2VW OMRON-D2VW Datasheet
612Kb / 8P
   Sealed Snap Action Switch
D2SW OMRON-D2SW Datasheet
613Kb / 8P
   Sealed Snap Action Switch
D2SW-3L1HS OMRON-D2SW-3L1HS Datasheet
549Kb / 8P
   Sealed Snap Action Switch
logo
Cherry Semiconductor Co...
DC1C-A1AA CHERRY-DC1C-A1AA Datasheet
336Kb / 2P
   Sealed Subminiature Snap Switch
logo
Omron Electronics LLC
D2VW01L2A1MS OMRON-D2VW01L2A1MS Datasheet
547Kb / 8P
   Sealed Snap Action Switch D2VW
logo
Honeywell Solid State E...
ZM1 HONEYWELL-ZM1 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
logo
Honeywell Accelerometer...
ZM50E10F01 HONEYWELL-ACC-ZM50E10F01 Datasheet
1Mb / 12P
   MICRO SWITCH??Standard Subminiature Snap-Action Z Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com