Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC147S8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC147S8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.6 - 3.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC147S8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC147S8_01 Datasheet HTML 1Page - Hittite Microwave Corporation HMC147S8_01 Datasheet HTML 2Page - Hittite Microwave Corporation HMC147S8_01 Datasheet HTML 3Page - Hittite Microwave Corporation HMC147S8_01 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROWAVE CORPORATION
5 - 39
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
5
-20
-15
-10
-5
0
1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
1.4 1.6 1.8
2
2.2 2.4 2.6 2.8
3
3.2 3.4 3.6
FREQUENCY (GHz)
LO/RF
RF/IF
LO/IF
Conversion Loss
Isolation
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
IF PORT
LO PORT
RF PORT
Conversion Loss vs LO Power
v01.0801
HMC147S8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.6 - 3.4 GHz
0
10
20
30
40
50
LOCAL OSCILLATOR POWER (dBm)
THIRD ORDER INTERCEPT
SECOND ORDER INTERCEPT
7
8
9
10
11
12
13
14
15
-15
-13
-11
-9
-7
-5
LOCAL OSCILLATOR POWER (dBm)
2.2 GHz
2.6 GHz
1.8GHz
7
8
9
10
11
121314
15
Return Loss
Intermodulation Intercept @ 2 GHz


Similar Part No. - HMC147S8_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC147S8 HITTITE-HMC147S8 Datasheet
80Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz
More results

Similar Description - HMC147S8_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC147S8 HITTITE-HMC147S8 Datasheet
80Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC170C8 HITTITE-HMC170C8_06 Datasheet
180Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
HMC220MS8 HITTITE-HMC220MS8_06 Datasheet
279Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com