Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC147S8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC147S8
Description  GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.6 - 3.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC147S8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC147S8_01 Datasheet HTML 1Page - Hittite Microwave Corporation HMC147S8_01 Datasheet HTML 2Page - Hittite Microwave Corporation HMC147S8_01 Datasheet HTML 3Page - Hittite Microwave Corporation HMC147S8_01 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MICROWAVE CORPORATION
5 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
5
1. MATERIAL:
A) PACKAGE BODY - LOW STRESS INJECTION-MOLDED
PLASTIC, SILICA & SILICONE IMPREGNATED.
B) LEADFRAME MATERIAL: COPPER ALLOY
2. PLATING: LEAD-TIN SOLDER PLATE
3. DIMENSIONS ARE IN INCHES (MILLIMETERS). UNLESS
OTHERWISE SPECIFIED TOL. ARE ±0.005 (±0.13).
Outline Drawing
Absolute Maximum Ratings
e
v
i
r
D
O
Lm
B
d
7
2
+
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
g
e
d
0
5
1
+
o
t
5
6
-
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OC
g
e
d
5
8
+
o
t
0
4
-
v01.0801
HMC147S8
GaAs MMIC SMT DOUBLE-
BALANCED MIXER, 1.6 - 3.4 GHz
HMC147S8
0.016
(0.41)
MIN TYP
0.007/0.009
(0.18/0.25)
0.054/0.068
0.004/0.009
(0.10/0.23)
(1.37/1.73)
(1.27)
TYP
(0.36/0.46)
TYP
3 DEG/8 DEG
0.229/0.244
0.188/0.196
0.150/0.157
(3.81/4.00)
(5.82/6.20)
(4.78/4.98)
PIN 1
PIN 8
PIN 1 (REF)
DATE CODE
TYP
GND
GND
RF
LO
GND
GND
IF
0.050
0.014/0.018
N/C


Similar Part No. - HMC147S8_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC147S8 HITTITE-HMC147S8 Datasheet
80Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz
More results

Similar Description - HMC147S8_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC147S8 HITTITE-HMC147S8 Datasheet
80Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER 1.6 - 3.4 GHz
HMC128G8 HITTITE-HMC128G8 Datasheet
117Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 1.8 - 5 GHz
HMC142C8 HITTITE-HMC142C8 Datasheet
143Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC218MS8 HITTITE-HMC218MS8 Datasheet
183Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 6 GHz
HMC141C8 HITTITE-HMC141C8_06 Datasheet
187Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 6 - 15 GHz
HMC208AMS8 HITTITE-HMC208AMS8 Datasheet
639Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 0.7 - 2.0 GHz
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC170C8 HITTITE-HMC170C8_06 Datasheet
180Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 2.5 - 4 GHz
HMC171C8 HITTITE-HMC171C8_06 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 7 - 10 GHz
HMC220MS8 HITTITE-HMC220MS8_06 Datasheet
279Kb / 6P
   GaAs MMIC SMT DOUBLEBALANCED MIXER, 5 - 12 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com