Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAW3602DH-NF Datasheet(PDF) 4 Page - Pixart Imaging Inc.

Part # PAW3602DH-NF
Description  CMOS LASER MOUSE SENSOR
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3602DH-NF Datasheet(HTML) 4 Page - Pixart Imaging Inc.

  PAW3602DH-NF Datasheet HTML 1Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 2Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 3Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 4Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 5Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 6Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 7Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 8Page - Pixart Imaging Inc. PAW3602DH-NF Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
PixArt Imaging Inc.
PAW3602DH-NF
CMOS Laser Mouse Sensor
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Jun. 2007
3. Registers and Operation
The mouse sensor can be programmed through registers, via the serial port, and DSP configuration and
motion data can be read from these registers. All registers not listed are reserved, and should never be written
by firmware.
3.1 Registers
Address
Name
R/W
Default
Data Type
0x00
Product_ID
R
0x30
Eight bits [11:4] number with the product identifier
0x01
Product_ID
R
0x3N
Four bits [3:0] number with the product identifier
Reserved [3:0] number is reserved for further
0x02
Motion_Status
R
-
Bit field
0x03
Delta_X
R
-
Eight bits 2’s complement number
0x04
Delta_Y
R
-
Eight bits 2’s complement number
0x05
Operation_Mode
R/W
-
Bit field
0x06
Configuration
R/W
-
Bit field
0x07
Image_Quality
R
-
Bit field
3.2 Register Descriptions
0x00
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[11:4]
Usage
The value in this register can’t change. It can be used to verify that the serial communications link is
OK.
0x01
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[3:0]
Reserved [3:0]
Usage
The value in this register can’t change. PID[3:0] can be used to verify that the serial
communications link is OK. Reserved[3:0] is a value between 0x0 and 0xF, it can’t be used to verify
that the serial communication.


Similar Part No. - PAW3602DH-NF

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3602DH PIXART-PAW3602DH Datasheet
721Kb / 32P
   CMOS LASER MOUSE SENSOR
More results

Similar Description - PAW3602DH-NF

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAW3602DH PIXART-PAW3602DH Datasheet
721Kb / 32P
   CMOS LASER MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-6090 AVAGO-ADNK-6090 Datasheet
104Kb / 1P
   Gaming Laser Mouse Sensor
ADNK-7010 AVAGO-ADNK-7010 Datasheet
103Kb / 1P
   Gaming Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-7010 BOARDCOM-ADNK-7010 Datasheet
103Kb / 1P
   Gaming Laser Mouse Sensor
ADNK-6090 BOARDCOM-ADNK-6090 Datasheet
104Kb / 1P
   Gaming Laser Mouse Sensor
logo
Pixart Imaging Inc.
PMW3610DM-SUDU PIXART-PMW3610DM-SUDU Datasheet
589Kb / 8P
   Low Power Laser Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com