Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D6F-01N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D6F-01N
Description  MEMS Flow Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-01N Datasheet(HTML) 2 Page - Omron Electronics LLC

  D6F-01N Datasheet HTML 1Page - Omron Electronics LLC D6F-01N Datasheet HTML 2Page - Omron Electronics LLC D6F-01N Datasheet HTML 3Page - Omron Electronics LLC D6F-01N Datasheet HTML 4Page - Omron Electronics LLC D6F-01N Datasheet HTML 5Page - Omron Electronics LLC D6F-01N Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
MEMS Flow Sensor
D6F-01N/02L/05N
Characteristics
Accuracy Test Results (typical performance)
D6F-05N2
(5 samples, repeated 10 times each)
Model
D6F-01N2-000
D6F-02L2-000
D6F-05N2-000
Flow range
0-1L/min
0-2L/min
0-5L/min
Joint type
Rc 1/4 screw
Case material
Aluminum
Applicable gas
Natural Gas
Propane
Natural Gas
Withstand pressure
200kPa (about 30 psi)
Accuracy
±3% F.S. max
Operating temperature
-10 to 60 degrees (with no icing or condensation)
Operating humidity
Under 85% RH (with no icing or condensation)
Storage temperature
-40 to 80 degrees (with no icing or condensation)
Storage humidity
Under 85% RH (with no ice or no dew)
Output signal
Analog Output 1-5 VDC
Current consumption
No-Load V
CC = 12 to 24 VDC, VSS = 0V 25 deg. C, max 15 mA
Insulation resistance
More than 20M Ohm (500 VDC, between lead terminal and case)
Dielectric strength
500 VAC, 50/60 Hz, for 1 minute. (Leakage current typ <1 mA.)
Between the lead terminals and the base
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0.0
1.0
2.0
3.0
4.0
5.0
Flow Rate (LPM)


Similar Part No. - D6F-01N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
   MEMS Flow Sensor
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
   MEMS Flow Sensor
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
195Kb / 6P
   MEMS Flow Sensor
More results

Similar Description - D6F-01N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
   MEMS Flow Sensor
D6F-01 OMRON-D6F-01 Datasheet
195Kb / 6P
   MEMS Flow Sensor
D6F-01A1-110 OMRON-D6F-01A1-110 Datasheet
77Kb / 3P
   MEMS Flow Sensor
D6F-V03A1 OMRON-D6F-V03A1 Datasheet
312Kb / 4P
   MEMS Flow-Sensor
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
   MEMS Mass Flow Sensor
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
   MEMS Mass Flow Sensor
D6F-W OMRON-D6F-W Datasheet
448Kb / 6P
   MEMS Air Flow Sensor
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
   MEMS Mass Flow Sensor
logo
ES Systems
ESRF-ESF ES-ESRF-ESF Datasheet
900Kb / 14P
   Resistive MEMS Gas Flow Sensor
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
   MEMS Resistive Gas Flow Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com