Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC197 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC197
Description  GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC197 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC197_05 Datasheet HTML 1Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 2Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 3Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 4Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 5Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
10
10 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC197 / 197E
GaAs MMIC SOT26 SPDT
SWITCH, DC - 3 GHz
v02.0505
General Description
Features
Functional Diagram
Low Insertion Loss: 0.4 dB
Ultra Small Package: SOT26
Input IP3: +45 dBm
Positive Control: 0/+3V @ 10 uA
Electrical Specifications, T
A = +25° C, Vctl = 0/+3 to +8 Vdc, 50 Ohm System
Typical Applications
The HMC197 / HMC197E is ideal for:
• MMDS & WirelessLAN
• PCMCIA Wireless Cards
• Portable WIreless
The HMC197 & HMC197E are low-cost SPDT
switches in 6-lead SOT26 plastic packages for use
in general switching applications which require very
low insertion loss and very small size. The device can
control signals from DC to 3 GHz and is especially
suited for 900 MHz, 1.8 - 2.2 GHz, and 2.4 GHz ISM
applications with less than 1 dB loss. The design
provides exceptional insertion loss performance,
ideal for filter and receiver switching. RF1 and RF2 are
reflective shorts when “Off”. The two control voltages
require a minimal amount of DC current and offer
compatibility with most CMOS & TTL logic families.
See HMC221 for same performance in an alternate
SOT26 pin-out.
Parameter
Frequency
Min.
Typ.
Max.
Units
Insertion Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
0.4
0.45
0.7
0.8
0.7
0.8
0.9
1.1
dB
dB
dB
dB
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
24
24
18
14
28
28
22
18
dB
dB
dB
dB
Return Loss
DC - 1.0 GHz
DC - 2.0 GHz
DC - 2.5 GHz
DC - 3.0 GHz
20
16
14
10
30
22
17
13
dB
dB
dB
dB
Input Power for 1dB Compression
(Vctl = 0/+5V)
0.5 - 1.0 GHz
0.5 - 3.0 GHz
25
23
30
29
dBm
dBm
Input Third Order Intercept
(Vctl = 0/+5V) (Two-tone Input Power = +7 dBm Each Tone)
0.5 - 1.0 GHz
0.5 - 3.0 GHz
40
38
45
43
dBm
dBm
Switching Characteristics
DC - 3.0 GHz
tRISE, tFALL (10/90% RF)
tON, tOFF (50% CTL to 10/90% RF)
3
10
ns
ns


Similar Part No. - HMC197_05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
More results

Similar Description - HMC197_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
logo
Hittite Microwave Corpo...
221E HITTITE-221E Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197 Datasheet
171Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_06 Datasheet
272Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com