Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC197 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC197
Description  GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC197 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC197_05 Datasheet HTML 1Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 2Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 3Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 4Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 5Page - Hittite Microwave Corporation HMC197_05 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10
10 - 31
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC197 / 197E
Insertion Loss
v02.0505
Isolation
Return Loss
GaAs MMIC SOT26 SPDT
SWITCH, DC - 3 GHz
Input 0.1 and 1.0 dB
Compression vs. Control Voltage
Input Third Order
Intercept Point vs. Control Voltage
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)
38
40
42
44
46
48
2345
678
9
900 MHz
1900 MHz
CONTROL INPUT (Vdc)
15
20
25
30
35
3456789
CONTROL INPUT (Vdc)
1 dB at 1900 MHz
1 dB at 900 MHz
0.1 dB at 1900 MHz
0.1 dB at 900 MHz
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
FREQUENCY (GHz)


Similar Part No. - HMC197_05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
More results

Similar Description - HMC197_05

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC197BE AD-HMC197BE Datasheet
432Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC- 3 GHz
logo
Hittite Microwave Corpo...
221E HITTITE-221E Datasheet
194Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197 Datasheet
171Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221 Datasheet
188Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221A HITTITE-HMC221A Datasheet
448Kb / 4P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_06 Datasheet
272Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC221 HITTITE-HMC221_00 Datasheet
201Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC197 HITTITE-HMC197_06 Datasheet
225Kb / 6P
   GaAs MMIC SOT26 SPDT SWITCH, DC - 3 GHz
HMC194MS8 HITTITE-HMC194MS8 Datasheet
185Kb / 6P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
logo
Analog Devices
HMC194AMS8 AD-HMC194AMS8 Datasheet
297Kb / 4P
   GaAs MMIC SPDT SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com