Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC222C12 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC222C12
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 7.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC222C12 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC222C12_01 Datasheet HTML 1Page - Hittite Microwave Corporation HMC222C12_01 Datasheet HTML 2Page - Hittite Microwave Corporation HMC222C12_01 Datasheet HTML 3Page - Hittite Microwave Corporation HMC222C12_01 Datasheet HTML 4Page - Hittite Microwave Corporation HMC222C12_01 Datasheet HTML 5Page - Hittite Microwave Corporation HMC222C12_01 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE CORPORATION
7 - 90
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
7
HMC222C12
v03.0701
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 7.0 GHz
e
t
a
t
Sn
o
i
t
i
d
n
o
C
s
a
i
B
w
o
L.
p
y
T
A
u
5
@
c
d
V
8
.
0
+
o
t
0
h
g
i
H.
p
y
T
A
u
0
5
@
c
d
V
0
.
5
+
o
t
0
.
2
+
TTL/CMOS Control Voltages
%
0
1
±
c
d
V
0
.
5
+
=
e
g
n
a
R
d
d
V
d
d
V
)
c
d
V
(
)
.
p
y
T
(
d
d
I
)
A
m
(
)
.
x
a
M
(
d
d
I
)
A
m
(
0
.
5
+0
.
30
.
5
Bias Voltage & Current
t
u
p
n
I
l
o
r
t
n
o
Ce
t
a
t
S
h
t
a
P
l
a
n
g
i
S
AB
:
o
t
M
O
C
F
R
w
o
Lw
o
L1
F
R
h
g
i
Hw
o
L2
F
R
w
o
Lh
g
i
H3
F
R
h
g
i
Hh
g
i
H4
F
R
Truth Table


Similar Part No. - HMC222C12_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC222C12 HITTITE-HMC222C12 Datasheet
122Kb / 6P
   GaAs MMIC SP4T SWITCH NON-REFLECTIVE DC TO 6.0 GHz
More results

Similar Description - HMC222C12_01

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC182S14 HITTITE-HMC182S14 Datasheet
190Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com