Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G4W-11123A-US-TV8 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G4W-11123A-US-TV8
Description  PCB Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G4W-11123A-US-TV8 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G4W-11123A-US-TV8 Datasheet HTML 1Page - Omron Electronics LLC G4W-11123A-US-TV8 Datasheet HTML 2Page - Omron Electronics LLC G4W-11123A-US-TV8 Datasheet HTML 3Page - Omron Electronics LLC G4W-11123A-US-TV8 Datasheet HTML 4Page - Omron Electronics LLC G4W-11123A-US-TV8 Datasheet HTML 5Page - Omron Electronics LLC G4W-11123A-US-TV8 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
141
PCB Power Relay – G4W
Approved Standards
UL508 (File No. E41643)/CSA C22.2 No.14 (File No.LR31928)
SEMKO (File No. 9346122, 9223128)
Contact form
Coil ratings
Contact ratings
SPST-NO
6-100 VDC
15/120 A, 250 VAC
DPST
6-120 VDC
10/80 A, 250 VAC
Model
Contact Form
Coil ratings
Contact ratings
G4W-1112P-US-TV8
SPST-NO
6 to 120 VDC
15 A, 250 VAC (general use)
G4W-11123A-US-TV8
15 A, 24 VDC
G4W-11123T-US-TV8
TV-8
1/2 hp, 125 VAC
1 hp, 250 VAC
3/4 hp, 240 VAC
G4W-2212P-US-TV5
DPST-NO
15 A, 250 VAC (general use)
G4W-22123A-US-TV5
10 A, 250 VAC (general use)
G4W-22123T-US-TV5
15 A, 24 VDC
TV-5
1/2 hp, 250 VAC
1/3 hp, 125/250 VAC
EN 61810-1 (VDE0435 (File No. 1906, No. 1907)
Contact form
Coil ratings
Contact ratings
SPST-NO
6, 12, 24, 48, 100 VDC
15 A, 250 VAC (cosø = 1.0)
10 A, 250 VAC (cosø = 0.4)
15 A, 24 VDC (0 ms)
7.5 A, 24 VDC (40 ms)
DPST-NO
10 A, 250 VAC (cosø = 1.0)
7.5 A, 250 VAC (cosø = 0.4)
10 A, 24 VDC (0 ms)
5 A, 24 VDC (40 ms)


Similar Part No. - G4W-11123A-US-TV8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G4W-11123A-US-TV8-HP OMRON-G4W-11123A-US-TV8-HP Datasheet
104Kb / 4P
   Power Relay
More results

Similar Description - G4W-11123A-US-TV8

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com