Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC278MS8G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC278MS8G
Description  100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC278MS8G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC278MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC278MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROWAVE CORPORATION
1 - 43
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Visit us at www.hittite.com, or Email at sales@hittite.com
1
v02.1201
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50
ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane
similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from Hittite upon request.
Recommended PCB Layout for HMC278MS8G
Evaluation Circuit Board Layout Design Details
m
e
t
In
o
i
t
p
i
r
c
s
e
D
2
J
,
1
Jr
o
t
c
e
n
n
o
C
A
M
S
t
n
u
o
M
C
P
4
J
,
3
Jn
i
P
C
D
1
C.
g
k
P
3
0
6
0
,
r
o
t
i
c
a
p
a
C
F
p
0
0
0
,
0
1
1
Ur
e
i
f
il
p
m
A
G
8
S
M
8
7
2
C
M
H
*
B
C
Pd
r
a
o
B
n
o
i
t
a
u
l
a
v
E
0
0
6
3
0
1
0
5
3
4
r
e
g
o
R
:
l
a
i
r
e
t
a
M
d
r
a
o
B
t
i
u
c
r
i
C
*
HMC278MS8G
100 mW MEDIUM POWER GaAs
MMIC AMPLIFIER, 1.7 - 3.0 GHz


Similar Part No. - HMC278MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
   100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
More results

Similar Description - HMC278MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC278MS8G HITTITE-HMC278MS8G Datasheet
234Kb / 6P
   100 mW MEDIUM POWER GaAs IC AMPLIFIER 1.7 - 3.0 GHz
logo
NEC
UPC1677B NEC-UPC1677B Datasheet
45Kb / 3P
   1.7 GHz MEDIUM POWER BROADBAND SILICON MMIC AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM26100-B1 MA-COM-MAAM26100-B1 Datasheet
116Kb / 2P
   GaAs MMIC Power Amplifier 3.0 - 6.4 GHz
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8_12 Datasheet
745Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272AMS8 HITTITE-HMC272AMS8 Datasheet
399Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC272MS8 HITTITE-HMC272MS8_06 Datasheet
285Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.0 GHz
HMC308 HITTITE-HMC308_09 Datasheet
252Kb / 6P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308_08 Datasheet
262Kb / 8P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308 Datasheet
261Kb / 8P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC283 HITTITE-HMC283_10 Datasheet
336Kb / 8P
   GaAs MMIC MEDIUM POWER AMPLIFIER, 17 - 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com