Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS1T-10 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MKS1T-10
Description  General Purpose Power Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS1T-10 Datasheet(HTML) 1 Page - Omron Electronics LLC

  MKS1T-10 Datasheet HTML 1Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 2Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 3Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 4Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 5Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 6Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 7Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 8Page - Omron Electronics LLC MKS1T-10 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Purpose Power Relays
MKS-X
1
General Purpose Power Relays
MKS-X
MK-S-series Relays with AC and DC Load
switching Models
• Models for DC Loads can switch 220 VDC, 10 A (resistive).
• Models for AC Loads can switch 250 VAC, 15 A (resistive).
• Lineup includes models with 1FormA and 1FormA+1FormB
contact arrangements.
• Models available with operation indicators and built-in test buttons.
• Standards: UL/CSA, IEC (TÜV certification)
• RoHS compliant.
Ordering Information
■ List of Models
■ Accessory (Order Separately)
Connecting Socket and Hold-down Clips
Note: 1. The P7M-06P, P7MF-06, and P7MF-06-D can be used with models for DC loads with an SPST-NO or SPST-NO/SPST-NC contact form
or with models for AC loads with an SPST-NO or SPST-NO/SPST-NC contact form.
2. The P7MF-06-D has a built-in diode and can thus be used only with Relays with DC operating coils. Do not use it with a Relay with an
AC operating coil.
3. Refer to Gang Mounting in the Safety Precautions section for the conditions required to gang mounti multiple relays side-by-side.
4. Use the Clips to securely mount the Relay and prevent it from falling due to vibration or shock.
Models for DC Loads
Models for AC Loads
Contact form
SPST-NO
SPST-NO/SPST-NC
SPST-NO
SPST-NO/SPST-NC
Type
Model
Model
Model
Model
Standard
MKS1XT-10
MKS2XT-11
MKS1T-10
MKS2T-11
Built-in Operation Indicators
MKS1XTN-10
MKS2XTN-11
MKS1TN-10
MKS2TN-11
Test Button
MKS1XTI-10
MKS2XTI-11
MKS1TI-10
MKS2TI-11
Test Button and Built-in Operation Indicators
MKS1XTIN-10
MKS2XTIN-11
MKS1TIN-10
MKS2TIN-11
Classifications
Built-in diode
Socket
Hold-down Clip
Back-connecting Socket
PCB Mount
No
P7M-06P
PYC-A2
Front-connecting Socket
DIN Track or Panel Mount
No
P7MF-06
Yes
P7MF-06-D
Rated voltage
Note: 1. When ordering, add the rated voltage to the model number. Rated voltages are given in the coil ratings table in the specifications.
Example: MKS2XTIN-11 AC240
2. Refer to Terminal Arrangement and Internal Connections for all wiring diagrams.


Similar Part No. - MKS1T-10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
logo
MKS Instruments.
MKS-CM MKS-MKS-CM Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
MKS-PAC-100 MKS-MKS-PAC-100 Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
MKS-PAC-1000 MKS-MKS-PAC-1000 Datasheet
481Kb / 4P
   A Comprehensive Controls Solution
logo
List of Unclassifed Man...
MKS02 ETC-MKS02 Datasheet
35Kb / 2P
   Metallized polyester capacitors
More results

Similar Description - MKS1T-10

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com