Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJN2C-N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # MJN2C-N
Description  General Purpose Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MJN2C-N Datasheet(HTML) 1 Page - Omron Electronics LLC

  MJN2C-N Datasheet HTML 1Page - Omron Electronics LLC MJN2C-N Datasheet HTML 2Page - Omron Electronics LLC MJN2C-N Datasheet HTML 3Page - Omron Electronics LLC MJN2C-N Datasheet HTML 4Page - Omron Electronics LLC MJN2C-N Datasheet HTML 5Page - Omron Electronics LLC MJN2C-N Datasheet HTML 6Page - Omron Electronics LLC MJN2C-N Datasheet HTML 7Page - Omron Electronics LLC MJN2C-N Datasheet HTML 8Page - Omron Electronics LLC MJN2C-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Purpose Relay
MJN
317
General Purpose Relay
MJN
Relay with Plug-in Termination, available
in SPDT, DPDT or 3PDT models
• Rugged power driver offers superior 3/16” through-air
and 3/8 over-surface spacing
• Interlocked frame and contact block prevent contact
misalignment during plug-in
• Available with dust covers, indicator lamps and
push-to-operate buttons
• UL and CSA recognition as motor controllers up to 600 VAC
• Recognized for 1/2 hp motor control applications at 240/
480/600 VAC (1/3 hp at 120 VAC)
R
C
Ordering Information
To Order: Select part number and add the desired coil voltage rating (e.g. MJN1C-AC24).
Note: All part numbers marked with an “*” are non-standard parts. Contact an Omron representative for additional information.
Item
Model
Type
Terminal
Contact form
10A Version,
flange
mounting
20 A Version,
flange
mounting
30A Version,
flange
mounting
10 A Relay only
Standard
Plug-in
SPDT
MJN1CF
---
MJN1Z-E-RP
MJN1C
DPDT
MJN2CF
MJN2CE
---
MJN2C
3PDT
MJN3CF
---
---
MJN3C
LED indicator
Plug-in
SPDT
MJN1CF-N*
---
---
MJN1C-N
DPDT
MJN2CF-N*
---
---
MJN2C-N
3PDT
MJN3CF-N*
---
---
MJN3C-N
Push-to-operate
button
Plug-in
SPDT
MJN1CF-I*
---
---
MJN1C-I
DPDT
MJN2CF-I*
---
---
MJN2C-I
3PDT
MJN3CF-I*
---
---
MJN3C-I
Push-to-operate
button & LED indi-
cator
Plug-in
SPDT
MJN1CF-IN*
---
---
MJN1C-IN
DPDT
MJN2CF-IN*
---
---
MJN2C-IN
3PDT
MJN3CF-IN*
---
---
MJN3C-IN
Latching
Plug-in
DPDT
---
---
---
MJN2CK


Similar Part No. - MJN2C-N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MJNEA VISHAY-MJNEA Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJNEB VISHAY-MJNEB Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJNEC VISHAY-MJNEC Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJNED VISHAY-MJNED Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
MJNEE VISHAY-MJNEE Datasheet
138Kb / 10P
   Standard Thick Film Chip Resistors
05-Aug-2022
More results

Similar Description - MJN2C-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com