Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TZ-1GV2 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # TZ-1GV2
Description  High-temperature Basic Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TZ-1GV2 Datasheet(HTML) 1 Page - Omron Electronics LLC

  TZ-1GV2 Datasheet HTML 1Page - Omron Electronics LLC TZ-1GV2 Datasheet HTML 2Page - Omron Electronics LLC TZ-1GV2 Datasheet HTML 3Page - Omron Electronics LLC TZ-1GV2 Datasheet HTML 4Page - Omron Electronics LLC TZ-1GV2 Datasheet HTML 5Page - Omron Electronics LLC TZ-1GV2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
High-temperature Basic Switch
TZ
117
High-temperature Basic Switch
TZ
Stable Operation at an Ambient
Temperature of 400
°C
• Incorporates a ceramic insulator, cobalt-alloy spring, and
special-alloy contact, thus ensuring high contact reliability
at high ambient temperature.
• Smoothly operates at an ambient temperature of 400
°C.
Ordering Information
Note: The levers and rollers are made of stainless steel.
Model Number Legend
Actuator
Model
Pin plunger
TZ-1G
Hinge lever
TZ-1GV
Short hinge roller lever
TZ-1GV22
Hinge roller lever
TZ-1GV2
TZ - 1 G
3
2
1
1. Ratings
1: 1 A, 250 VAC
2. Contact Gap
G: 0.5 mm
3. Actuator
None: Pin plunger
V:
Hinge lever
V2:
Hinge roller lever
V22:
Short hinge roller lever


Similar Part No. - TZ-1GV2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TZ-344 ETC2-TZ-344 Datasheet
427Kb / 2P
   High performance tapes for all labelling applications
logo
GREEGOO Electric Co.,Lt...
TZ-6001 GREEGOO-TZ-6001 Datasheet
1Mb / 2P
   Limit Switchs
TZ-6002 GREEGOO-TZ-6002 Datasheet
1Mb / 2P
   Limit Switchs
TZ-6003 GREEGOO-TZ-6003 Datasheet
1Mb / 2P
   Limit Switchs
TZ-6004 GREEGOO-TZ-6004 Datasheet
1Mb / 2P
   Limit Switchs
More results

Similar Description - TZ-1GV2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
logo
Honeywell Solid State E...
BZ-2RW822 HONEYWELL-BZ-2RW822 Datasheet
56Kb / 1P
   SWITCH-BASIC
V7-7B17D8-048 HONEYWELL-V7-7B17D8-048 Datasheet
100Kb / 1P
   SWITCH-BASIC
V7-7B17D8-201 HONEYWELL-V7-7B17D8-201 Datasheet
36Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com