Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2TIN-11 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # MKS2TIN-11
Description  General Purpose Power Relays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS2TIN-11 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button MKS2TIN-11 Datasheet HTML 4Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 5Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 6Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 7Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 8Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 9Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 10Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 11Page - Omron Electronics LLC MKS2TIN-11 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
General Purpose Power Relays
MKS-X
9
Safety Precautions
Be sure to read the precautions and information common to all electromechanical relays, contained in the Technical User’s Guide,
“Electromechanical Relays, Technical Information” for correct use.
Precautions for Correct Use
Installation
• Models for DC loads (i.e., models with “X” in the model number)
have permanent magnets built into the insulating block. If a
permanent magnet or other magnetic body comes near the Relay,
magnetic interference will occur with the built-in permanent magnet
and the contact switching capacity will be decreased.
• Models for AC loads do not contain a permanent magnet.
• When mounting a P7MF-06(-D) Front-mounting Socket to a DIN
Track, attach PFP-M End Plates on both sides of the Socket to
prevent it from moving.
Gang Mounting
Conditions for mounting multiple MKS-X relays on the same DIN rail.
* Gang mounting of the Front-Mounting Sockets is not possible if the
contact carry current exceeds 10A.Provide space on both the right
and left sides of the Sockets.
The mounting pitch is given in the following diagram.
Wiring
• The contact terminals on Models for DC Loads (i.e., models with “X” in
the model number) have polarity. Wiring with incorrect polarity may
result in inability to turn OFF the Relay or loss of functionality.
• Be sure to check plarity when wiring DC coil MKS-X relays with
built-in operation indicators.
Operating Environment
Do not use the Relay in environments with combustible gas. Doing so
may result in explosion due to arcing.
Storage
Models for DC Loads (i.e., models with “X” in the model number) are
magnetized because they have a built-in magnet to deflect and
extinguish the arc. Do not install the Relay near IC cards or other
items that may be adversely affected by magnetism.
Usage
Use the Relay mounted in the P7M-06P or P7MF-06(-D) Socket.
Test Button
• Turn OFF the power supply before operating the test button. Always
return the test button to the original position after you use it.
• Do not use the test button as a switch.
• The durability of the test button is 100 operations minimum.
The circuit can be checked using either of two modes.
Test Button Applications
Example: Checking operation of Relays and sequence circuits.
Socket
Relay
Rated current
of Relay
Back-Connecting
Socket
Front-Connecting
Socket
Models for
DC Loads
10A
❍❍
Models for
AC Loads
15A
*
20
15
10
5
0
0
10
20
30
40
50
Mounting interval (mm)
Mounting interval
Test Button
DC specification: Blue
AC specification: Red
Normal
Mode 1
(momentary)
Press the button
for operation.
(No tool is required.)
Mode 2
(locked)
Lock the contacts by
pressing down on the
button and turning it.


Similar Part No. - MKS2TIN-11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKS20FN128VFT12 NXP-MKS20FN128VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLH12 NXP-MKS20FN128VLH12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VLL12 NXP-MKS20FN128VLL12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN128VXX12 NXP-MKS20FN128VXX12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
MKS20FN256VFT12 NXP-MKS20FN256VFT12 Datasheet
1Mb / 118P
   KS22/KS20 Microcontroller 120 MHz ARM® Cortex®-M4, with up to 256 KB Flash
Rev. 3.1, 06/2022
More results

Similar Description - MKS2TIN-11

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
logo
Omron Electronics LLC
MKS OMRON-MKS Datasheet
2Mb / 10P
   General Purpose Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com