Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2PV-S Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # MK2PV-S
Description  General Purpose Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MK2PV-S Datasheet(HTML) 5 Page - Omron Electronics LLC

  MK2PV-S Datasheet HTML 1Page - Omron Electronics LLC MK2PV-S Datasheet HTML 2Page - Omron Electronics LLC MK2PV-S Datasheet HTML 3Page - Omron Electronics LLC MK2PV-S Datasheet HTML 4Page - Omron Electronics LLC MK2PV-S Datasheet HTML 5Page - Omron Electronics LLC MK2PV-S Datasheet HTML 6Page - Omron Electronics LLC MK2PV-S Datasheet HTML 7Page - Omron Electronics LLC MK2PV-S Datasheet HTML 8Page - Omron Electronics LLC MK2PV-S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
General Purpose Relay
MK
5
■ Accessories
Note: Model PF083A-E can be used as a front connecting socket.
Note: Model PF113A-E can be used as a front connecting socket.
Terminal
arrangement
Mounting
holes
Mounting dimensions
of relay with socket
Track mounted socket
PF083A-E (conforming to DIN EN 50022)
Terminal
arrangement
Mounting
holes
Mounting dimensions
of relay with socket
Track mounted socket
PF113A-E (conforming to DIN EN 50022)
PL08-Q
Wire wrap terminals
Printed circuit
board socket
PLE08-0
Back connecting socket
MK2 sockets (8 pin)
PL08 (UL File No. E87929)
Solder terminals
PL08 type sockets and MK2 relay
Total height dimension
Recommended PCB layout
PLE08-0
Mounting holes
PL08


Similar Part No. - MK2PV-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MK2PV-S OMRON-MK2PV-S Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
MK2PV-S OMRON-MK2PV-S Datasheet
653Kb / 10P
   General Purpose Relay
More results

Similar Description - MK2PV-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com