Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY4IN-CR Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # MY4IN-CR
Description  General-purpose Relay
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN-CR Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button MY4IN-CR Datasheet HTML 5Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 6Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 7Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 8Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 9Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 10Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 11Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 12Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
General-purpose Relay
MY
267
■ Mounting Plates for Sockets
Note: PYP-18 and PYP-36 can be cut into any desired length in accordance with the number of Sockets.
■ DIN Rail Track and Accessories
Socket model
For 1 socket
For 18 sockets
For 36 sockets
PY08, PY14
PYP-1
PYP-18
PYP-36
Description
Model
Mounting rail (length = 500 mm)
PFP-50N
Mounting rail (length = 1,000 mm)
PFP-100N, PFP-100N2
End Plate
PFP-M
Spacer
PFP-S


Similar Part No. - MY4IN-CR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4IN-CR OMRON-MY4IN-CR Datasheet
446Kb / 18P
   Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
More results

Similar Description - MY4IN-CR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com