Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LY2Z-0 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # LY2Z-0
Description  General Purpose Relay
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

LY2Z-0 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button LY2Z-0 Datasheet HTML 6Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 7Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 8Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 9Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 10Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 11Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 12Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 13Page - Omron Electronics LLC LY2Z-0 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
294
General Purpose Relay
LY
Unit: mm (inch)
Relay hold-down clips
Relay hold-down clips
Mounting track/end plate/spacer
*This dimension is 14.99 mm (0.59 in) on both ends in the case of PFP-100N, but on one end in the case of PFP-50N.
** L = Length
PFP-50N
L = 497.84 mm (19.60 in)
PFP-100N
L = 990.60 mm (39.00 in)
PFP-100N2
L = 990.60 mm (39.00 in)
***A total of twelve 24.89 x 4.57 mm (0.98 x 0.18 in) elliptic holes are provided, with six holes cut from each end of the track at a pitch
of 9.91 (0.39) between holes.
PYC-A1
For PTF
❏A socket
PYC-S
For relay mounting plates
(Applicable to Type PYP-1 and PYP-18
socket mounting plates only.)
PYC-P
For PT
❏ socket
PYC-P2
For push-to-test button type with
PT
❏ socket
Y92H-3
For RC circuit type
PYC-1
For RC circuit type
4.5
15
25
25
25
25 *
10
10
1000 (500)*
7.3
±0.15
35
±0.3
27
±0.15
15
(5)
1
4.5
15
25
25
25
25 15
10
10
1000
±4
35
±0.3 27
24
16
29.2
1
1.5
* The figure in parenthesis is for PFP-50N.
PFP-100N, PFP-50N
(Conforming to EN 50022)
PFP-100N2
(Conforming to EN 50022)


Similar Part No. - LY2Z-0

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
LY2Z-0 OMRON-LY2Z-0 Datasheet
438Kb / 15P
   General Purpose Relay
LY2Z-0 OMRON-LY2Z-0 Datasheet
679Kb / 16P
   General Purpose Relay
LY2Z-0-DC24 OMRON-LY2Z-0-DC24 Datasheet
354Kb / 15P
   General Purpose Relay ??LY
More results

Similar Description - LY2Z-0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com