Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MY2 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # MY2
Description  General-purpose Relay
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY2 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button MY2 Datasheet HTML 7Page - Omron Electronics LLC MY2 Datasheet HTML 8Page - Omron Electronics LLC MY2 Datasheet HTML 9Page - Omron Electronics LLC MY2 Datasheet HTML 10Page - Omron Electronics LLC MY2 Datasheet HTML 11Page - Omron Electronics LLC MY2 Datasheet HTML 12Page - Omron Electronics LLC MY2 Datasheet HTML 13Page - Omron Electronics LLC MY2 Datasheet HTML 14Page - Omron Electronics LLC MY2 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
General-purpose Relay
MY
269
Note: Use a panel with plate thickness of 1 to 2 mm for mounting the Sockets.
Socket
Dimensions
Terminal arrangement/
internal connections
(top view)
Mounting holes
PYF08A-N
4
42
8
44
1
12
5
14
41
12
A2
14
11
9
A1
13
A2
14
PYF-08A-N
73
22 max.
67 max.
30 max.
4
42
1
8
5
12
9
14
14 13
44
12
14
41
11
A2 A2 A1
18.7
3.0 dia.
3.5 dia. or M3
Note: Track mounting is also
possible. Refer to page
12 for supporting tracks.
PYF14A-N
4
42
3
32
2
22
1
12
8
44
7
34
6
24
5
14
41
12
31
11
21
10
11
9
A1
13
A2
14
A2
14
PYF-14A-N
73
30 max.
67 max.
29.5 max.
4
3
2
1
8
7
6
5
12 11 10
9
14 14
13
42 32 22 12
44 34 24 14
41 31 21 11
A2 A2
A1
26
Two, 4.5 dia. or M4
Note: Track mounting is also
possible. Refer to page
12 for supporting tracks.
PY14/PY14-Y1
(See note)
Fourteen, 3 x 1.2 elliptical holes
25.5 max.
29.5 max.
24 max.
42 max.
Note: The PY14-Y1 includes sections indicated by
dotted lines.
20 max.
PY14-02
16.5 max.
22 max.
25.5 max.
29.5 max.
Fourteen, 1.3-dia.
holes


Similar Part No. - MY2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MY200X MICROSEMI-MY200X Datasheet
116Kb / 3P
   25AMP FAST RECOVERY FULL WAVE BRIDGE RECTIFIER
MY200X MICROSEMI-MY200X Datasheet
124Kb / 3P
   25Amp Fast Recovery Full Wave Bridge Rectifier
logo
Micro Electronics
MY231A MICRO-ELECTRONICS-MY231A Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
MY231C MICRO-ELECTRONICS-MY231C Datasheet
75Kb / 2P
   0.3 DUAL DIGIT NUMERIC DISPLAYS
MY241A MICRO-ELECTRONICS-MY241A Datasheet
67Kb / 2P
   0.4 DUAL DIGIT NUMERIC DISPLAYS
More results

Similar Description - MY2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com