Electronic Components Datasheet Search
Selected language     English  ▼


X-10G Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. X-10G
Description  General-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 3 page
background image
General-purpose Basic Switch
X
143
Engineering Data
■ Mechanical Durability (X-10G)
■ Electrical Durability (X-10G)
■ Structure
Contact Form (SPDT)
Note: With the reverse-type models (X-10GM
@), the NC and NO
terminal arrangements are reversed.
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
■ Terminals
Screw Terminals (-B)
Solder Terminal (Blank)
Note: 1. Appropriate terminal screw tightening torque: 0.78 to 1.18 N·m.
2. In case of DC voltage, set the COM to the positive terminal.
■ Mounting
All switches can be mounted using M4 mounting screws with plane
washers or spring washers to securely mount the Switch. Tighten the
screws to a torque of 1.18 to 1.47 N·m.
Versions with panel mount plungers can be panel mounted via the
plunger, provided that the hexagonal nut of the actuator is tightened
to a torque of 2.94 to 4.9 N·m.
Note: Mount using either the side mounting holes or the panel mount plunger, not both. If using the side mounting holes, then remove the hexagonal nut(s)
from the panel mount plunger.
50
70
100
20
30
500
700
1,000
3,000
5,000
200
300
10
0.2
0.1
0.4
0.6
0.9
0.8
0.3
0.5
0.7
Overtravel (mm)
0
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Without load
Operating frequency: 240 operations/min
214
610
4
8
12
Switching current (A)
0
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Operating frequency: 20 operations/min
125 VDC
L/R = 7 ms
125 VDC L/R = 0
5
7
10
2
3
50
70
100
200
300
500
20
30
1
(+) COM
NC
NO
COM
NO
NC
13
2
17.45±0.2
49.2
Three, M4 x 5.5
Terminal screws
(with toothed
washer)
9.2
20
20
COM
NO
NC
1
2
3
49.2
11.9
25.4±0.1
6.4
17.45±0.2
25.4±0.1
Two, 4.2-dia. mounting
holes or M4 screw holes
Panel Mount Plunger
Panel Mount Roller Plunger
12.5
dia.
+0.2
0
12.5
dia.
+0.2
0
13+0.2
0
5+0.2
0
Accessories (Terminal Covers, Actuators, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl