Selected language     English  ▼


X-10G Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. X-10G
Description  General-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 5 page
background image
General-purpose Basic Switch
X
145
Note: 1. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number
2. Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
Operating Characteristics
X-10GW21-B
X-10GW-B
X-10GW4-B
X-10GW22-B
X-10GW2-B
X-10GM-B
X-10GM22-B
X-10GM2-B
OF max.
RF min.
PT max.
OT min.
MD max.
250 gf
32 gf
2.1 mm
1.7 mm
110 gf
14 gf
4.8 mm
3.9 mm
25 gf
5 gf
14.3 mm
4.8 mm
3.9 mm
220 gf
35 gf
2.4 mm
1.7 mm
145 gf
21 gf
4 mm
3 mm
220 gf
25 gf
5.5 mm
2.1 mm
700 gf
155 gf
2 mm
0.75 mm
320 gf
50 gf
4 mm
1.5 mm
FP max.
OP
25.5 mm
20.7
±0.8 mm
34.6 mm
21.1
±0.8 mm
21.1
±0.8 mm
37.1 mm
32.2
±0.8 mm
40.5 mm
32.2
±0.8 mm
26.8 mm
21.1
±0.8 mm
36.1 mm
32.2
±0.8 mm
37.4 mm
32.2
±0.8 mm
49.2
11.9
25.4±0.1
17.45±0.2
17.4
20.2
9.2
4.9
*1. Stainless-steel lever
*2. Three vent holes
*2
28
.2R
26.2
t = 1 *1
14.4
OP
FP
4.2 +0.075
-0.025
4.2
dia. holes
+0.075
-0.025
4.36
dia.
+0.1
-0.05
Short Hinge Lever
X-10GW21-B
Hinge Lever
X-10GW-B
17.4
20.2
4.9
*1. Stainless-steel lever
*2. Three vent holes
*2
63.5R
26.2
t = 1 *1
14.4
OP
FP
17.4
20.2
4.9
*1. Stainless-steel lever
*2. Three vent holes
*2
63.5R
26.2
t = 1 *1
14.4
OP
PT
Low-force Hinge Lever
X-10GW4-B
17.4
20.2
*1. Stainless-steel spring lever
*2. Three vent holes
*2
9.5 dia. x 4
plastic roller
26.2
t = 1 *1
14.4
OP
FP
Short Hinge Roller Lever
X-10GW22-B
17.4
20.2
*1. Stainless-steel lever
*2. Three vent holes
*2
9.5 dia. x 4
plastic roller
48
.5R
26.2
t = 1
14.4
OP
FP
*1
Hinge Roller Lever
X-10GW2-B
17.4
20.2
4.9
*1. Stainless-steel lever
*2. Three vent holes
*2
56R
18.65
t = 1 *1
14.4
OP
FP
Reverse Hinge Lever
X-10GM-B
17.4
20.2
*1. Stainless-steel lever
*2. Three vent holes
*2
9.5 dia. x 4
plastic roller
18.65
t = 1*1
14.4
OP
FP
Reverse Short Hinge Lever
X-10GM22-B
Reverse Hinge Roller Lever
X-10GM2-B
17.4
20.2
*1. Stainless-steel lever
*2. Three vent holes
*2
9.5 dia. x 4
plastic roller
18.65
t = 1
14.4
OP
FP
40.6R
*1




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl