Selected language     English  ▼


X-10GS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. X-10GS
Description  General-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 2 page
background image
142
General-purpose Basic Switch
X
Specifications
■ Characteristics
Note: 1. The values are for the pin plunger models.
2. Malfunction: 1 ms max.
■ Ratings
Note: 1. The above values are for the steady-state current.
2. Inductive load has a power factor of 0.4 min. (AC) and a time
constant of 7 ms max. (DC).
3. Lamp load has an inrush current of 10 times the steady-
state current.
4. Motor load has an inrush current of 6 times the steady-state
current.
5. The above electrical ratings also apply to the AC voltage.
6. With the reverse-type models (X-10GM
@), the normally
closed circuits and normally open circuits are reversed.
7. The ratings values apply under the following test conditions:
(1) Ambient temperature: 20
±2°C
(2) Ambient humidity: 65
±5%RH
(3) Operating frequency: 20 operations/min
■ Contact Specification
■ Safety Standards Ratings
UL/CSA
EN (CE) (Conform to EN61058-1)
Operating speed
0.1 mm to 1 m/s (See note 1)
Operating frequency
Mechanical
240 operations/min
Electrical
20 operations/min
Contact resistance
15 m
Ω max. (initial value)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min between terminals of the same polarity, between
current-carrying metal parts and the ground, and between each terminal and
non-current-carrying metal parts
Vibration resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude (See note 2)
Shock resistance
Destruction
1,000 m/s2 max.
Malfunction
300 m/s2 max. (See notes 1 and 2)
Degree of protection
IP00
Degree of protection against electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating temperature
−25°C to 80°C (with no icing)
Ambient operating humidity
35% to 85%RH
Service life
Mechanical
1,000,000 operations min.
Electrical
100,000 operations min.
Weight
Approx. 27 to 63 g
Rated
voltage
Non-inductive load (A)
Inductive load (A)
Resistive load
Lamp load
Inductive load
Motor load
NC
NO
NC
NO
NC
NO
NC
NO
8 VDC
14 VDC
30 VDC
125 VDC
250 VDC
10
10
10
10
3
3
3
3
3
1.5
1.5
1.5
1.5
1.5
0.75
10
10
10
7.5
2
10
10
10
6
1.5
5
5
5
5
2
2.5
2.5
2.5
2.5
1.5
Contacts
Material
Silver
Gap (standard value)
0.9 mm
Inrush current
NC
30 A max.
NO
15 A max.
Rated voltage
X-10G
125 VDC
10 A
250 VDC
3 A
Rated voltage
X-10
125 VDC
10 A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl