Electronic Components Datasheet Search
Selected language     English  ▼


X-10GL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. X-10GL
Description  General-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

   
 1 page
background image
General-purpose Basic Switch
X
141
General-purpose Basic Switch
X
Direct Current Switch with Built-in
Magnetic Blowout
• Incorporates a small permanent magnet in the contact
mechanism to deflect the arc to effectively extinguish it.
• Ideal for switching DC circuits
• Wide variety of actuators for a wide scope of applications
• Same shape and mounting procedures as Omron’s Model
Z snap action switches.
Ordering Information
* The plungers of reverse-type models are continuously pressed by the
compression coil springs and the plungers are freed by operating the levers.
Model Number Legend
Terminal
Solder
terminal
Screw
terminal
Actuator
Model
Model
Pin plunger
X-10G
X-10G-B
Slim spring plunger
X-10GS
X-10GS-B
Short spring plunger
X-10GD
X-10GD-B
Panel mount plunger
X-10GQ
X-10GQ-B
Panel mount roller
plunger
X-10GQ22
X-10GQ22-B
Panel mount cross
roller plunger
X-10GQ21
X-10GQ21-B
Leaf spring
X-10GL
X-10GL-B
Short hinge lever
X-10GW21
X-10GW21-B
Terminal
Solder
terminal
Screw
terminal
Actuator
Model
Model
Hinge lever
X-10GW
X-10GW-B
Low-force hinge lever
X-10GW4
X-10GW4-B
Short hinge roller
lever
X-10GW22
X-10GW22-B
Hinge roller lever
X-10GW2
X-10GW2-B
Reverse hinge lever
X-10GM
X-10GM-B
Reverse short hinge
roller lever
*
X-10GM22
X-10GM22-B
Reverse hinge roller
lever
*
X-10GM2
X-10GM2-B
X - 10 G
-
3
2
1
4
1. Ratings
10: 10 A (125 VDC)
2. Contact Gap
G: 0.9 mm
3. Actuator
None: Pin plunger
D:
Short spring plunger
S:
Slim spring plunger
Q:
Panel mount plunger
Q21: Panel mount cross roller plunger
Q22: Panel mount roller plunger
L:
Leaf spring
W:
Hinge lever
W2:
Hinge roller lever
W21: Short hinge lever
W22: Short hinge roller lever
W4:
Low-force hinge lever
M:
Reverse hinge lever
M2:
Reverse hinge roller lever
M22: Reverse short hinge roller lever
4. Terminals
None: Solder terminal
B:
Screw terminal
(with toothed washer)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl