Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC5B-2023 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XC5B-2023
Description  DIN Twin-contact Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XC5B-2023 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XC5B-2023 Datasheet HTML 6Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 7Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 8Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 9Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 10Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 11Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 12Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 13Page - Omron Electronics LLC XC5B-2023 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
DIN Twin-contact Connectors
XC5
95
Mating Diagrams
Note: By combining a Standard and a Reverse Connector, stacking and horizontal connections can be made. In this case, the triangular marks
(terminal number 1) on the Plug and the Socket will not match.
Vertical (Standard)
Vertical (Reverse)
Stacking (See note.)
Horizontal (See note.)
B-type
Plug
XC5A
B-type
Socket
XC5B
Q-type
Socket
XC5F
Q-type
Plug
XC5E
B-type
Socket
XC5B
Q-type
Plug
XC5E
(Center of
mounting holes)
B-type Plug
XC5A
Q-type Socket
XC5F
C-type
Plug
XC5C
C-type
Socket
XC5D
R-type
Socket
XC5H
R-type
Plug
XC5G
C-type
Socket
XC5D
R-type
Plug
XC5G
C-type Plug
XC5C
(Center of
mounting holes)
R-type Socket
XC5H


Similar Part No. - XC5B-2023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XC5111WQRTVRQ1 TI1-XC5111WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5111-Q1 Low-power mono audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5112WQRTVRQ1 TI1-XC5112WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5112-Q1 Low-power stereo audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5212WQRTVRQ1 TI1-XC5212WQRTVRQ1 Datasheet
5Mb / 179P
[Old version datasheet]   TAC5212-Q1 High-performance stereo audio codec with 118dB dynamic range ADC and 119dB dynamic range DAC
JANUARY 2024
XC5311WQRTVRQ1 TI1-XC5311WQRTVRQ1 Datasheet
5Mb / 206P
[Old version datasheet]   TAC5311-Q1 Automotive Low Power Mono Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
XC5312QRGERQ1 TI1-XC5312QRGERQ1 Datasheet
6Mb / 209P
[Old version datasheet]   TAC5312-Q1 Automotive Low Power Stereo Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
More results

Similar Description - XC5B-2023

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-583649-3 MACOM-5-583649-3 Datasheet
113Kb / 1P
   CONTACT-TWIN LEAF
logo
Adam Technologies, Inc.
DIP96MRL33A1C1 ADAM-TECH-DIP96MRL33A1C1 Datasheet
154Kb / 1P
   DIN 41612 CONNECTORS
logo
Lumberg
0105 LUMBERG-0105 Datasheet
452Kb / 3P
   DIN circular connectors
0134 LUMBERG-0134 Datasheet
797Kb / 3P
   DIN circular connectors
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
   DIN circular connectors
0107 LUMBERG-0107 Datasheet
678Kb / 3P
   DIN circular connectors
0122 LUMBERG-0122 Datasheet
771Kb / 3P
   DIN circular connectors
0121 LUMBERG-0121 Datasheet
768Kb / 3P
   DIN circular connectors
0103 LUMBERG-0103_17 Datasheet
792Kb / 3P
   DIN circular connectors
0131 LUMBERG-0131 Datasheet
724Kb / 3P
   DIN circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com