Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVB-5X173 Datasheet(PDF) 3 Page - Unity Opto Technology

Part # UVB-5X173
Description  12.7X6.35mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVB-5X173 Datasheet(HTML) 3 Page - Unity Opto Technology

  UVB-5X173 Datasheet HTML 1Page - Unity Opto Technology UVB-5X173 Datasheet HTML 2Page - Unity Opto Technology UVB-5X173 Datasheet HTML 3Page - Unity Opto Technology UVB-5X173 Datasheet HTML 4Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
12.7×6.35mm LIGHT BAR
UVB-5X173 SERIES
PIN CONNECTION
PIN
1
2
3
4
5
6
ELECTRICAL/OPTICAL CHARACTERISTICS
HI.EFF. RED (UVB-57173HR)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
2300
4200
µcd
λp/Hue
635/623
nm
∆λ
40
nm
VF
2.0
2.6
V
IR
100
µA
GREEN (UVB-54173G)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
2300
4200
µcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
2.1
2.6
V
IR
100
µA
YELLOW (UVB-53173Y)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
2300
4200
µcd
λp/Hue
585/588
nm
∆λ
35
nm
VF
2.1
2.6
V
IR
100
µA
11/14/2000
Forward Voltage, and Chip
IF = 20 mA
Reverse Current, and Chip
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
Average Luminous Intensity
IF = 10 mA
PARAMETER
TEST CONDITION
Forward Voltage, and Chip
IF = 20 mA
Reverse Current, and Chip
VR = 5 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
IF = 20 mA
IF = 20 mA
VR = 5 V
IF = 20 mA
IF = 20 mA
PARAMETER
TEST CONDITION
Average Luminous Intensity
IF = 10 mA
CONNECTION
CATHODE A
NO PIN
ANODE B
CATHODE B
ANODE A
TEST CONDITION
IF = 10 mA
NO CONNECTION
PARAMETER
Reverse Current, and Chip
Forward Voltage, and Chip
Average Luminous Intensity
Peak Emission Wavelength
Spectral Line Half-Width
Unity Opto Technology Co., Ltd.


Similar Part No. - UVB-5X173

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
UVB-280 ROITHNER-UVB-280 Datasheet
513Kb / 4P
   Deep UV-LED, AlGaN
UVB-310 ROITHNER-UVB-310 Datasheet
509Kb / 4P
   Deep UV-LED, AlGaN
More results

Similar Description - UVB-5X173

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-2709X ETC-B-2709X Datasheet
40Kb / 1P
   LIGHT BAR
B-4025 ETC1-B-4025 Datasheet
68Kb / 1P
   LIGHT BAR
A-1804X ETC-A-1804X Datasheet
80Kb / 1P
   LIGHT BAR
logo
Gilway Technical Lamp
E2010 GILWAY-E2010 Datasheet
183Kb / 3P
   Light Bar
logo
List of Unclassifed Man...
B-1020X ETC-B-1020X Datasheet
80Kb / 1P
   LIGHT BAR
logo
SunLED Corporation
EMR24D SUNLED-EMR24D Datasheet
172Kb / 4P
   10mmx10mm LIGHT BAR
EUY24D SUNLED-EUY24D Datasheet
163Kb / 3P
   10mmx10mm LIGHT BAR
logo
BetLux Electronics
BL-AR1Z1308 BETLUX-BL-AR1Z1308 Datasheet
64Kb / 4P
   LED LIGHT BAR
BL-AR1Z3222 BETLUX-BL-AR1Z3222 Datasheet
65Kb / 4P
   LED LIGHT BAR
logo
SunLED Corporation
EUR26D SUNLED-EUR26D Datasheet
173Kb / 4P
   10mmx16mm LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com