Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC332E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC332E
Description  GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC332E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC332E Datasheet HTML 1Page - Hittite Microwave Corporation HMC332E Datasheet HTML 2Page - Hittite Microwave Corporation HMC332E Datasheet HTML 3Page - Hittite Microwave Corporation HMC332E Datasheet HTML 4Page - Hittite Microwave Corporation HMC332E Datasheet HTML 5Page - Hittite Microwave Corporation HMC332E Datasheet HTML 6Page - Hittite Microwave Corporation HMC332E Datasheet HTML 7Page - Hittite Microwave Corporation HMC332E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
9
9 - 187
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs.
Temperature @ LO = 0 dBm
Isolation @ LO = 0 dBm
IF Bandwidth @ LO = 0 dBm
Conversion Gain vs. Vdd @ LO = 0 dBm
Return Loss @ LO = 0 dBm
Conversion Gain vs. LO Drive
HMC332 / 332E
GaAs MMIC MIXER w/ INTEGRATED
LO AMPLIFIER, 2.0 - 2.8 GHz
v01.0705
-20
-15
-10
-5
0
1.4
1.8
2.2
2.6
3
3.4
+25 C
-40 C
+85 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
1.4
1.8
2.2
2.6
3
3.4
+2.7V
+3.0V
+3.3V
FREQUENCY (GHz)
-20
-15
-10
-5
0
0
0.3
0.5
0.8
1
1.3
1.5
CONVERSION GAIN
RETURN LOSS
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RF
LO
FREQUENCY (GHz)
-20
-15
-10
-5
0
1.4
1.8
2.2
2.6
3
3.4
-6 dBm
-4 dBm
-2 dBm
0 dBm
+2 dBm
+4 dBm
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1.4
1.8
2.2
2.6
3
3.4
FREQUENCY (GHz)
RF/IF
LO/RF
LO/IF


Similar Part No. - HMC332E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC332 HITTITE-HMC332 Datasheet
248Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_10 Datasheet
231Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
More results

Similar Description - HMC332E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_06 Datasheet
340Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332 Datasheet
248Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC332 HITTITE-HMC332_10 Datasheet
231Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC615LP4 HITTITE-HMC615LP4_11 Datasheet
543Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com